Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP7103DFRH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MAP7103DFRH
Description  3A, High Voltage Boost Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7103DFRH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MAP7103DFRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
6
Operation
The MAP7103 provided a regulated supply voltage for panel source driver ICs. The MAP7103 uses a constant
frequency, peak current mode PWM(Pulse Width Modulation) boost regulation architecture to regulate the
feedback voltage.
At the beginning of each cycle, the N-channel MOSFET switch is turned on, forcing the inductor current to rise.
The current at the source of the switch is internally measured and converted to a voltage by the current sense
amplifier. That voltage is compared to the error voltage at COMP. The voltage at the output of the error amplifier
is an amplified version of the difference between the 1.25V reference voltage and the feedback voltage voltage.
When these two voltage are equal, the PWM comparator turns off the switch forcing the inductor current to the
output capacitor through the external rectifier. This causes the inductor current to decrease. The peak inductor
current is controlled by the voltage at COMP, which in turn is controlled by the output voltage. Thus the output
voltage is regulated by the inductor current to satisfy the load. The use of current mode regulation improves
transient response and control loop stability.
Application Information
Soft-Start Capacitor
The MAP7103 provides soft-start function to minimize the inrush current at the input. This prevents faults tripping
of the input voltage at startup due to input current overshoot. When powered on, a 5uA internal constant current
charges an external capacitor at SS pin. As the SS capacitor is charged, the voltage at SS rises. The MAP7103
internally clamps the voltage at COMP to 700mV above the voltage at SS. The soft-start ends when the voltage
at SS reaches 1.25V. This limits the inductor current at startup, forcing the input current to rise slowly to the
current required to regulate the output voltage.
The soft-start period is determined by the equation :
tSS = CSS x V / I
where CSS is the soft-start capacitor from SS to GND, V is reference voltage and I is charging current
If CSS=33nF, the internal soft-start function will be turned on and period time is approximately 8ms.
Setting the Output Voltage
The regulated output voltage is shown as the following equation
where VREF=1.25V (typ.)
The recommended voltage for R2 should be at
least 10kΩ
Selecting the input Capacitor
Lower ESR ceramic capacitor are recommended for input capacitor applications. Low ESR will reduce the
Input voltage ripple caused by switching operation. A 10uF capacitor is sufficient for most applications.
Selecting the Output Capacitor
The output capacitor is required to maintain the DC output voltage. Low ESR capacitor are preferred to keep
the output voltage ripple to a minimum. The characteristic of the output capacitor also affects the stability of the
regulation control system. The output voltage ripple is shown as the following equation:
where VRIPPLE is the output ripple voltage, VIN and VOUT are the DC Input and output voltages respectively,
ILOAD is the load current, fSW is the switching frequency, and COUT is the capacitance of the output capacitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com