Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP7103DFRH Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MAP7103DFRH
Description  3A, High Voltage Boost Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7103DFRH Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

  MAP7103DFRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
7
Choose an output capacitor to satisfy the output ripple and load transient requirements of the design. A 4.7uF
–
22uF ceramic capacitor is suitable for most applications
Loop Compensation
The output of the transconductance error amplifier(COMP) is used to compensate the regulation control system.
The system uses two poles and one zero to stabilize the control loop. The poles are fP1 set by the output capacitor
COUT and load resistance and fP2 set by the compensation capacitor C1. The zero fZ1 is set by the compensation
capacitor C1 and the compensation resistor R3. For typical application, VIN=12V, VOUT=16.25V, COUT=10uFx3EA,
L1=4.7uH, while the recommended value for compensation is as follows : R3 = 100kohm, C1=330pF
Selecting the Inductor
The inductor is required to force the higher output voltage while being driven by the input voltage. A larger value
Inductor results in less ripple current that results in lower peak inductor current, reducing stress on the internal N-
channel switch. However, the larger series resistance, and/or lower saturation current. A 4.7uF Inductor is
recommended for most 500kHz applications. As a general rule, the peak-to-peak ripple current range is 20% to
40% of the maximum input current. Make sure that the peak inductor current is below 75% of the current limit at
The operating duty cycle to prevent loss of regulation due to the current limit. Also make sure that the inductor
does not saturate under the worst-case load transient and startup conditions. Calculate the required inductance
value by the equation
Where ILOAD(MAX) is the maximum load current, ΔI is the peak-to-peak inductor ripple current, and η is efficiency
Selecting the Diode
The output rectifier diode supplies current to the inductor when the internal MOSFET is off. Schottky diodes are
chosen for their low forward voltage drop and fast switching speed. The diode should be rated for a reverse
voltage equal to or greater than the output voltage used. The average current rating must exceed the average
output current and the peak current rating must be greater than the peak inductor current.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com