Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP7103DFRH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MAP7103DFRH
Description  3A, High Voltage Boost Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7103DFRH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MAP7103DFRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
2
Block Diagram
Figure 1) Block Diagram
Typical Application Circuit
Bill of Materials
item
Part Number
Manufacturer
Description
Qty.
IC
MAP7103
Magnachip
3A, 16V Step-Up Converter
1
L1
RLF7030-4R7M
TDK
4.7uH, 3.5A, 26m
Ω, ±20%
1
D1
B530C
Diodes
30V, 5A, SMC
1
CIN
CL21A106KAFN3NE
Samsung
10uF, 25V, 2012, X5R
2
COUT
CL21A106KAFNNNE
Samsung
10uF, 25V, 2012, X5R
3
C1
CL10B331KB8NNNC
Samsung
330pF, 50V, 1608, X5R
1
C2/C3
CL10A105KA8NNNC
Samsung
1uF, 25V, 1606, X5R
2
CSS
CL10B333JB8NNNC
Samsung
33nF, 50V, 1608, X5R
1
R1
RC1608J124CS
Samsung
120k
Ω, 1/10W, ±5%
1
R2
RC1608J103CS
Samsung
10kΩ, 1/10W, ±5%
1
R3
RC1608J104CS
Samsung
100
kΩ, 1/10W, ±5%
1
LX
Chip Enable
4,5,11(Exposed Pad)
VIN
EN
GND
COMP
SS
FB
VOUT
330pF
C1
VIN
12V
33nF
Css
VOUT
16.25V
100k
Ω
R3
120k
Ω
R1
10k
Ω
R2
10uF X 3
COUT
1uF
C3
10uF X 2
CIN
1uF
C2
MAP7103
4.7uH
L1
D1
8
9
3
2
10
1
Control
and
Driver
Logic
Soft
Start
Current
Sense
Protection
LX
OTP
Summing
Comparator
1.25V
Slope
Compensation
Oscillator
Clock
OVP
VDD
Error Amplifier
SS
LX
PGND
VIN
EN
COMP
FB
VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com