Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP7103DFRH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MAP7103DFRH
Description  3A, High Voltage Boost Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7103DFRH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MAP7103DFRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
3
Pin Configuration
Pin Definitions
Pin#
Name
Description
1
COMP
Compensation Pin for Error Amplifier. Connect a series RC from COMP to GND.
2
FB
Feedback. The FB regulation voltage is 1.25V nominal. Connect an external resistive
voltage divider between the step-up regulator
’s output(VOUT) and GND, with the center tap
connected to FB. Place the divider close to the IC and minimize the trace area to reduce
noise coupling.
3
EN
Chip Enable. Drive EN low to turn off the Boost
4,5,11
(Exposed Pad)
GND
Ground. The Exposed Pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
6,7
LX
Switch. LX is the drain of the internal MOSFET. Connect the inductor/rectifier diode junction
to LX and minimize the trace area for lower EMI.
8
VOUT
Boost Converter Over Voltage Protection input. Bypass VOUT with a minimum 1uF ceramic
capacitor directly to GND.
9
VIN
Supply Input. Bypass VIN with a minimum 1uF ceramic capacitor directly to GND.
10
SS
Soft-Start Control. Connect a soft-start capacitor(CSS) to this pin. The soft-start capacitor is
charged with a constant current of 5uA. The soft-start capacitor is discharged to ground
when EN is low
Absolute Maximum Ratings
Parameter
Value
Unit
LX, VOUT to GND
-0.3V to 28V
V
VIN, EN, SS, FB to GND
-0.3V to 16.5V
V
COMP to GND
-0.3V to 6.0V
V
Junction Temperature Range
-40 to +150
℃
Storage Temperature Range
-65 to +150
℃
Package Thermal Resistance (JA)
65.9
℃/W
Power Dissipation (Ta=25℃)
1.517
W
Human Body Model(HBM)
2
kV
Machine Model(MM)
200
V
Charged Device Model (CDM)
700
V
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation
under these conditions is not implied.
Recommended Operating conditions
Ambient Temperature Range
-40 to +85
℃
Junction Temperature Rnage
-40 to +125
℃
Exposed
PAD
COMP
FB
EN
GND
GND
LX
VOUT
VIN
SS
LX
11
1
2
3
4
5
6
7
8
9
10
3mm x 3mm Ultra thin DFN-10
(Top view)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com