Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP7103DFRH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MAP7103DFRH
Description  3A, High Voltage Boost Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7103DFRH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MAP7103DFRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
4
Electrical Characteristics
VIN=VEN=12V, VOUT=16.25V, Typical values are at TA=25℃(unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
General Section
VIN
Input Voltage Range
8.6
15.9
V
VUVLO
Under Voltage Lock Out
Rising Threshold voltage
8.0
8.3
8.6
V
Hysteresis
0.6
0.8
1.0
V
IQ(ON)
Quiescent Current
VFB=1.3V, Not Switching
1.0
1.2
mA
REN
Enable Pull down resistance
0.5
1.0
1.5
M
TSD
Thermal Shutdown Temperature
(Note1)
150
TSD_HYS
Thermal Shutdown Hysteresis
(Note1)
10
VOVP
VOUT Over Voltage Threshold
VOUT Rising
18
19
20
V
Oscillator
fOSC
Oscillator Frequency
450
500
550
kHz
DMAX
Maximum Duty Cycle
81
90
99
%
Error Amplifier
VREF
FB Regulation Voltage
1.2375
1.25
1.2625
V
IFB
FB Input Bias Current
100
nA
VFB_LINE
FB Line Regulation
0.05
0.2
V
Gm
Transconductance
ΔI=±2.5uA at VCOMP=1V
80
100
120
uA/V
AV
Voltage Gain
(Note1)
FB to COMP
700
V/V
N-MOSFET
ILIM
Current Limit
(Note1)
4.5
A
RDS(ON)
On-Resistance
(Note1)
100
250
mΩ
ILEAK
Leakage Current
VLX=24V
10
uA
RCS
Current Sense Transresistance
(Note1)
0.25
V/A
Soft-Start
Charge Current
3.5
5.0
6.5
uA
Control Inputs
VIH
Enable Logic High Voltage
1.4
V
VIL
Enable Logic Low Voltage
0.7
Note1) Guaranteed by design, characterization and correlation with process controls, Not fully tested in production



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com