Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAP7103DFRH Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MAP7103DFRH
Description  3A, High Voltage Boost Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP7103DFRH Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MAP7103DFRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP7103DFRH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Confidential
Datasheet Version 1.0
July
2015. Revision 1.0
MagnaChip Semiconductor Ltd.
1
Ordering Information
Part Number
Top
Marking
Ambient
Temperature Range
Package
RoHS Status
MAP7103DFRH
MAP7103
LLLL
YWXZ
-40℃ to +85℃
3mm x 3mm TDFN 10Lead
Halogen Free
MAP7103
3A, High Voltage Boost Converter
General Description
The MAP6503 consists of a high performance step-up
switching regulator, a high performance step-down switching
regulator, a high performance charge pump, a high-speed
operational amplifier and 16 channel level shifter. The device
is optimized for AMOLED application.
Afa
Application
Tablet PCs
www.magnachip.com.
Features
• 4.5A, 0.1Ω, 45V Power MOSFET
• 8.6V to 15.9V Input Supply Voltage
• Fixed 500kHz Switching Frequency
• Input Supply Under Voltage Lockout
• Programmable Soft-Start
• VOUT Over Voltage Protection
• Over Temperature Protection
• Internal Current Limit
• Thin 10-Lead TDFN Package
• RoHS Compliant and Halogen Free
Application
• GIP TFT-LCD Panels
General Description
The MAP7103 is a high performance switching
boost converter that provides a regulated supply
voltage for active matrix thin film transistor(TFT)
liquid crystal displays(LCDs)
The MAP7103 incorporates current mode, fixed-
frequency, pulse width modulation(PWM) circuit with
a build in N-MOSFET to achieve high efficiency and
fast transient response.
The MAP7103 is available in a TDFN-10L
3x3mm
2 package


Similar Part No. - MAP7103DFRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP7101 MGCHIP-MAP7101 Datasheet
1Mb / 15P
Synchronous Boost Converter with Isolation FET
Jun. 2021
MAP7101DFRH MGCHIP-MAP7101DFRH Datasheet
1Mb / 15P
Synchronous Boost Converter with Isolation FET
Jun. 2021
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
Dual Output LCD Bias IC
MAP7102WCRH MGCHIP-MAP7102WCRH Datasheet
1Mb / 17P
Dual Output LCD Bias IC
More results

Similar Description - MAP7103DFRH

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
E-CMOS Corporation
EC3651 E-CMOS-EC3651 Datasheet
600Kb / 10P
16V 3A 4-Switch Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
MA2004 MPOWER-MA2004 Datasheet
428Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
3A 750KHz Asynchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
3A High Voltage Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com