Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS684LSN Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS684LSN Datasheet HTML 4Page - Allegro MicroSystems ATS684LSN Datasheet HTML 5Page - Allegro MicroSystems ATS684LSN Datasheet HTML 6Page - Allegro MicroSystems ATS684LSN Datasheet HTML 7Page - Allegro MicroSystems ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems ATS684LSN Datasheet HTML 10Page - Allegro MicroSystems ATS684LSN Datasheet HTML 11Page - Allegro MicroSystems ATS684LSN Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
FUNCTIONAL DESCRIPTION
The ATS684 sensor IC contains a single-chip differential Hall-
effect circuit, a samarium-cobalt pellet, and a flat ferrous pole
piece (a precisely-mounted magnetic field concentrator that
homogenizes the flux passing through the Hall chip). As shown in
Figure 1, the circuit supports two Hall elements, which sense the
magnetic profile of the ferromagnetic gear target simultaneously,
but at different points (spaced at a 2.2 mm pitch), generating a
differential internal analog voltage, VPROC, that is processed for
precise switching of the digital output signal.
The Hall IC is self-calibrating and also integrates a tempera-
ture compensated amplifier and offset cancellation circuitry. Its
voltage regulator provides supply noise rejection throughout the
operating voltage range. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the offset
rejection circuitry. The Hall transducers and signal processing
electronics are integrated on the same silicon substrate, using a
proprietary BiCMOS process.
Target Profiling During Operation
Under normal operating conditions, the IC is capable of provid-
ing digital information that is representative of the mechanical
features of a rotating gear. The waveform diagram in Figure
2 presents the automatic translation of the mechanical profile,
through the magnetic profile that it induces, to the digital output
signal of the ATS684. No additional optimization is needed
and minimal processing circuitry is required. This ease of use
reduces design time and incremental assembly costs for most
applications.
Diagnostics
The regulated current output is configured for two-wire applica-
tions, requiring one less wire for operation than do switches with
the traditional open-collector output. Additionally, the system
designer inherently gains diagnostics because there is always
output current flowing, which should be in either of two nar-
row ranges, shown in Figure 3 as ICC(HIGH) and ICC(LOW). Any
current level not within these ranges indicates a fault condition.
If ICC > ICC(HIGH)(max), then a short condition exists, and if ICC
< ICC(LOW)(min), then an open condition exists. Any value of ICC
between the allowed ranges for ICC(HIGH) and ICC(LOW) indicates
a general fault condition.
Target (Gear)
Hall Element 2
Dual-Element
Hall Effect Device
South Pole
North Pole
(Pin
> 1 Side)
n
(Pin 1 Side)
Case
Back-biasing Magnet
Pole Piece
(Concentrator
Hall IC
Hall Element 1
Element Pitch
Figure 1: Relative Motion of the Target is Detected by
the Dual Hall Elements Mounted on the Hall IC.
Figure 2: The Magnetic Prof ile Ref lects the Geometry
of the Target, Allowing the ATS684 to Present an Ac-
curate Digital Output Response.
BRP(#1)
BRP(#2)
BOP(#2)
On
Off
Off
On
Sensor Internal Switch State
Sensor Orientation to Target
Sensor Internal Differential Analog Signal, VPROC
Mechanical Position (Target moves past pin 1 to pin 3)
Sensor Output Signal, IOUT
Target
(Gear)
(Package Top View)
Sensor Branded Face
Pin 1
Side
Pin 3
Side
Branded Face
Hall Element Pitch
Target Magnetic Profile
+B
This tooth
sensed earlier
This tooth
sensed later
Back-Biasing
Pellet
IC
+t
ICC(HIGH)(max)
ICC(HIGH)(min)
ICC(LOW)(max)
ICC(LOW)(min)
Range for Valid ICC(HIGH)
Range for Valid ICC(LOW)
0
+mA
Short
Fault
Open
Figure 3: Diagnostic Characteristics of Supply Current
Values.
Sensing Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com