Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS684LSN Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS684LSN Datasheet HTML 5Page - Allegro MicroSystems ATS684LSN Datasheet HTML 6Page - Allegro MicroSystems ATS684LSN Datasheet HTML 7Page - Allegro MicroSystems ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems ATS684LSN Datasheet HTML 10Page - Allegro MicroSystems ATS684LSN Datasheet HTML 11Page - Allegro MicroSystems ATS684LSN Datasheet HTML 12Page - Allegro MicroSystems ATS684LSN Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Determining Output Signal Polarity
In Figure 2, the top panel, labeled Mechanical Position, repre-
sents the mechanical features of the target gear and orientation
to the device. The bottom panel, labeled Device Output Signal,
displays the square waveform corresponding to the digital output
signal (current amplitude) that results from a rotating gear config-
ured as shown in Figure 4. Referring to the target side nearest the
face of the sensor IC, the direction of rotation is: perpendicular to
the leads, across the face of the device, from the pin 1 side to the
pin 3 side.
To read the output signal as a voltage (VSENSE), a sense resistor
(RSENSE) can be placed on either the VCC signal or on the GND
signal. As shown in Figure 5, when RSENSE is placed on the GND
signal, the output signal voltage (VSENSE(LowSide)) is in phase
with ICC. When RSENSE is placed on the VCC signal, the output
signal voltage (VSENSE(HighSide)) is inverted relative to ICC.
Figure 4: Left-to-Right, Pin 1 to Pin 3 (top) and Right-to-
Left, Pin 3 to Pin 1 (bottom) Direction of Target
Rotation.
Figure 5: Alternative Polarity Conf igurations Using
Two-Wire Sensing.
The Output Polarity States table provides the permutations of output
voltage relative to ICC, given alternative locations for RSENSE. Panel A
shows the low-side (VSENSE(LowSide)) sensing configuration, and panel
B shows the high-side (VSENSE(HighSide)) configuration. As shown in
panel C, VSENSE(LowSide) is in phase with ICC, and VSENSE(HighSide), is
inverted.
V
DD
V
DD
I
CC
I
CC
11
VCC
VCC
ATS684
ATS684
GND
GND
33
R
LOAD
100
W
R
LOAD
100
W
C
LOAD
C
LOAD
Output Polarity States
RSENSE Location
ICC State
VSENSE State
High side
(VCC pin side)
High
Low
Low
High
Low side
(GND pin side)
High
High
Low
Low
I+
V+
V+
I
CC
V
SENSE(LowSide)
V
SENSE(HighSide)
Panel A
Panel B
Panel C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com