Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS684LSN Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS684LSN Datasheet HTML 7Page - Allegro MicroSystems ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems ATS684LSN Datasheet HTML 10Page - Allegro MicroSystems ATS684LSN Datasheet HTML 11Page - Allegro MicroSystems ATS684LSN Datasheet HTML 12Page - Allegro MicroSystems ATS684LSN Datasheet HTML 13Page - Allegro MicroSystems ATS684LSN Datasheet HTML 14Page - Allegro MicroSystems ATS684LSN Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Target
(Gear)
ICC
ICC
ICC
ICC
ICC
ICC
ICC
ICC
Power-on
opposite
tooth
Power-on
at falling
mechanical
edge
Power-on
at rising
mechanical
edge
Power-on
opposite
valley
AGC Calibration
Running Mode
AGC Calibration
Running Mode
AGC Calibration
Running Mode
AGC Calibration
Running Mode
Device
Position
1
1
4
4
2
2
3
3
Start Mode
Hysteresis
Overcome
Start Mode
Hysteresis
Overcome
Start Mode
Hysteresis
Overcome
Start Mode
Hysteresis
Overcome
The ATS684 is guaranteed to power-on in the high current state,
ICC(High). When power (VCC > VCC(min)) is applied to the device,
a short period of time is required to power the various portions of
the circuit. During this period, the ATS684 will power-on in the
high current state (ICC(High)).
Figure 7: Power-On Initial Edge Detection.
Power-On
This figure demonstrates four
typical power-on scenarios. All of
these examples assume that the
target is moving relative to the
sensor IC in the direction indicated
(from pin 1 to pin 3) and the voltage
output is configured for low-side
sensing (VOUT(Low)). The length of
time required to overcome Start
Mode Hysteresis, as well as the
combined effect of whether it is
overcome in a positive or negative
direction plus whether the next
edge is in that same or opposite
polarity, affect the point in time
when AGC calibration begins.
Three high peaks are always
required for AGC calibration when
fOP ≤ 200 Hz, and more may be
required at greater speeds.
Initial Edge Detection
The device self-calibrates using the initial teeth sensed, and then
enters running mode. This results in reduced accuracy for a brief
period (CALI). However, this period allows the device to opti-
mize for running mode operation. As shown in Figure 7, the first
three high peak signals corresponding to rising output edges are
used to calibrate AGC (Automatic Gain Control). There is a slight
variance in the duration of initialization, depending on what
target feature is opposite the sensor IC when power-on occurs.
Also, a high speed of target rotation at power-on may increase the
quantity of calibration teeth required in the CALI period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com