Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS684LSN Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS684LSN Datasheet HTML 6Page - Allegro MicroSystems ATS684LSN Datasheet HTML 7Page - Allegro MicroSystems ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems ATS684LSN Datasheet HTML 10Page - Allegro MicroSystems ATS684LSN Datasheet HTML 11Page - Allegro MicroSystems ATS684LSN Datasheet HTML 12Page - Allegro MicroSystems ATS684LSN Datasheet HTML 13Page - Allegro MicroSystems ATS684LSN Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
(A) TEAG varying; cases such as
eccentric mount, out-of-round region,
normal operation position shift
(B) Internal analog signal, VPROC,
typically resulting in the IC
0
B
OP
B
RP
B
OP
B
RP
B
OP
B
RP
B
OP
B
RP
B
OP
B
OP
B
RP
360
Target Rotation (°)
Hysteresis Band
(Delimited by switchpoints)
V+
(C) Internal analog signal, VPROC, representing
magnetic field for digital output
V+
Larger
TEAG
Smaller
TEAG
IC
Target
Larger
TEAG
Target
IC
Smaller
TEAG
Smaller
TEAG
Figure 6: The Continuous Update Algorithm
Switchpoints are the threshold levels of the differential internal
analog signal (VPROC) at which the device changes output signal
state. The value of VPROC is directly proportional to the magnetic
flux density (B) induced by the target and sensed by the Hall
elements. As VPROC rises through a certain limit, referred to as
the operate point (BOP), the output state changes from ICC(Low) to
ICC(High). As VPROC falls below BOP to a certain limit, the release
point (BRP), the output state changes from ICC(High) to ICC(Low).
As shown in Figure 6, threshold levels for the switchpoints are
established as a function of the peak input signal levels. The
device incorporates an algorithm that continuously monitors the
input signal and updates the switching thresholds accordingly
with limited inward movement of VPROC. The switchpoint for
each edge is determined by the detection of the previous two
signal edges. In this manner, variations are tracked in real time.
Continuous Update of Switchpoints
The Continuous Update algorithm
allows the Allegro IC to interpret and
adapt to variances in the magnetic
field generated by the target as a
result of eccentric mounting of the
target, out-of-round target shape, and
similar dynamic application problems
that affect the TEAG (Total Effective
Air Gap). As shown in panel A, the
variance in the target position results
in a change in the TEAG. This affects
the IC as a varying magnetic field,
which results in proportional changes
in the internal analog signal (VPROC),
as shown in panel B. The Continuous
Update algorithm is used to establish
switchpoints based on the fluctuation
of VPROC, as shown in panel C.
(C) Internal analog signal, VPROC, representing
magnetic field for digital output when configured with
RSENSE in the low-side configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com