Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS684LSN Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems ATS684LSN Datasheet HTML 10Page - Allegro MicroSystems ATS684LSN Datasheet HTML 11Page - Allegro MicroSystems ATS684LSN Datasheet HTML 12Page - Allegro MicroSystems ATS684LSN Datasheet HTML 13Page - Allegro MicroSystems ATS684LSN Datasheet HTML 14Page - Allegro MicroSystems ATS684LSN Datasheet HTML 15Page - Allegro MicroSystems ATS684LSN Datasheet HTML 16Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
15
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
PACKAGE OUTLINE DRAWING
For Reference Only –Not for Tooling Use
(Reference DWG-9206, Rev.1)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
Dambar removal protrusion (12×)
Tie bars (8×)
Molded lead bar for preventing damage to leads during shipment
Hall elements (E1 and E2); not to scale
Active Area Depth, 0.40 ±0.05 mm
Branding scale and appearance at supplier discretion
A
B
C
D
E
F
= Supplier emblem
= Lot identifier
= Last three numbers of device part number
and optional subtype codes
= Last two digits of year of manufacture
= Week of manufacture
L
N
Y
W
Standard Branding Reference View
Notes:
LLLLLLL
NNN[NNNN]
YYWW
D
0.90 REF
2
2
3
3
1
1
G
2 × 7°
2 × 10°
45°
45°
A
Branded
Face
3.03 ±0.10
2.54 ±0.10
5.80 REF
1.10 REF
5.78 ±0.10
2.72
3.12
2.20
7.65 ±0.10
15.58 ±0.10
23.36 REF
19.24 REF
1.60 ±0.10
5.00 ±0.10
1.15 ±0.05
E1
E2
F
F
E
C
F
F
F
7.00 ±0.10
2 × 1.00 ±0.10
0.25 ±0.05
2.00 ±0.10
0.90 REF
9.20 REF
0.60 REF
0.30 REF
2.73 REF
0.49 REF
1.18 REF
4 × Ø1.00 REF
Ejector Pin
Ø2.00 REF
Ejector Pin
F
Gate location
G
B
B
0.51 REF
Figure 10: Package SN, 3-Pin SIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com