Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS684LSN Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS684LSN
Description  Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS684LSN Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS684LSN Datasheet HTML 1Page - Allegro MicroSystems ATS684LSN Datasheet HTML 2Page - Allegro MicroSystems ATS684LSN Datasheet HTML 3Page - Allegro MicroSystems ATS684LSN Datasheet HTML 4Page - Allegro MicroSystems ATS684LSN Datasheet HTML 5Page - Allegro MicroSystems ATS684LSN Datasheet HTML 6Page - Allegro MicroSystems ATS684LSN Datasheet HTML 7Page - Allegro MicroSystems ATS684LSN Datasheet HTML 8Page - Allegro MicroSystems ATS684LSN Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Two-Wire, Zero-Speed
Differential Gear Tooth Sensor IC
ATS684LSN
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package SN, 3-Pin SIP Pinout Diagram
Terminal List Table
Number
Name
Function
1
VCC
Supply voltage
2
VCC
Supply voltage
3
GND
Ground
12
3
INTERNAL DISCRETE CAPACITOR RATINGS
Characteristic
Symbol
Notes
Rating
Units
Nominal Capacitance
CSUPPLY
Connected between VCC and GND
10000
pF
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
26.5
V
Reverse Supply Voltage
VRCC
–18
V
Operating Ambient Temperature
TA
Range L, refer to Power Derating Curve
–40 to 150
°C
Maximum Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 170
°C
SPECIFICATIONS
PINOUT DIAGRAM AND TERMINAL LIST
SELECTION GUIDE
Part Number
Packing*
ATS684LSNTN-T
13-in. reel, 800 pieces per reel
*Contact Allegro™ for additional packing options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com