Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 22 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 18Page - STMicroelectronics LRI64-MBTG Datasheet HTML 19Page - STMicroelectronics LRI64-MBTG Datasheet HTML 20Page - STMicroelectronics LRI64-MBTG Datasheet HTML 21Page - STMicroelectronics LRI64-MBTG Datasheet HTML 22Page - STMicroelectronics LRI64-MBTG Datasheet HTML 23Page - STMicroelectronics LRI64-MBTG Datasheet HTML 24Page - STMicroelectronics LRI64-MBTG Datasheet HTML 25Page - STMicroelectronics LRI64-MBTG Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LRI64
22/38
Read Single Block
When receiving the Read Single Block Command,
the LRI64 reads the requested block and sends
back its 8-bit value in the Response. The
Option_Flag is supported. The Read Single Block
can be issued in both addressed and non ad-
dressed modes.
The Request Frame (Figure 27.) contains:
–
Request Flags (Table 3. and Table 4.)
–
Read Single Block Command Code (20h,
Table 9.)
–
Unique ID (Optional)
–Block Number
–
2-byte CRC (Figure 16.)
If there is no error, at the LRI64, the Response
Frame (Figure 28.) contains:
–
Response Flags (Table 6.)
–
Block Locking Status, if Option_Flag is set
–
1 byte of Block Data (Table 10.)
–
2-byte CRC (Figure 16.)
Otherwise, if there is an error, the Response
Frame (Figure 29.) contains:
–
Response Flags (01h, Table 6.)
–
Error Code (0Fh, Table 7.)
–
2-byte CRC (Figure 16.)
Table 10. Block Lock Status
Figure 27. Read Single Block, Request Frame Format
Figure 28. Read Single Block, Response Frame Format, when Error_Flag is not Set
Figure 29. Read Single Block, Response Frame Format, when Error_Flag is Set
Figure 30. READ Single Block Frame Exchange between VCD and LRI64
Bit
Name
Value
Description
0
Block
Locked
0
Current Block not locked
1
Current Block locked
1
to
7
RFU
0
AI09732
Request
SOF
Request
Flags
Command
Code
UID
2-Byte
CRC
Request
EOF
8 bits
8 bits
20h
64 bits
16 bits
Block
Number
8 bits
AI09733
Response
SOF
Response
Flags
BlockLock
Status
2-Byte
CRC
Response
EOF
8 bits
8 bits
16 bits
Data
8 bits
AI09734
Response
SOF
Response
Flags
Error
Code
2-Byte
CRC
Response
EOF
8 bits
01h
8 bits
0Fh
16 bits
AI06832B
VCD
VICC
t1
SOF
Read Single
Block Request
EOF
SOF
Read Single
Block Response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com