Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 26 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 22Page - STMicroelectronics LRI64-MBTG Datasheet HTML 23Page - STMicroelectronics LRI64-MBTG Datasheet HTML 24Page - STMicroelectronics LRI64-MBTG Datasheet HTML 25Page - STMicroelectronics LRI64-MBTG Datasheet HTML 26Page - STMicroelectronics LRI64-MBTG Datasheet HTML 27Page - STMicroelectronics LRI64-MBTG Datasheet HTML 28Page - STMicroelectronics LRI64-MBTG Datasheet HTML 29Page - STMicroelectronics LRI64-MBTG Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LRI64
26/38
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 12. Operating Conditions
Figure 39. LRI64 Synchronous Timing, Transmit and Receive
Figure 39. shows an ASK modulated signal, from
the VCD to the LRI64. The test condition for the
AC/DC parameters are:
–
Close coupling condition with tester antenna
(1mm)
–
Gives LRI64 performance on tag antenna
Table 13. DC Characteristics
Note: 1. TA=–20 to 85°C
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient Operating Temperature
–20
85
°C
AI06680B
AB
tRFF
tRFR
tRFSBL
tMIN CD
fCC
Symbol
Parameter
Test Conditions 1
Min.
Typ.
Max.
Unit
VCC
Regulated Voltage
1.5
3.0
V
VRET
Retromodulated Induced
Voltage
ISO10373-7
10
mV
ICC
Supply Current
Read
VCC =3.0V
50
µA
Write
VCC =3.0V
150
µA
CTUN
Internal Tuning Capacitor
f=13.56MHz for W4/1
21
pF
f=13.56MHz for W4/2
28.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com