Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 30 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 26Page - STMicroelectronics LRI64-MBTG Datasheet HTML 27Page - STMicroelectronics LRI64-MBTG Datasheet HTML 28Page - STMicroelectronics LRI64-MBTG Datasheet HTML 29Page - STMicroelectronics LRI64-MBTG Datasheet HTML 30Page - STMicroelectronics LRI64-MBTG Datasheet HTML 31Page - STMicroelectronics LRI64-MBTG Datasheet HTML 32Page - STMicroelectronics LRI64-MBTG Datasheet HTML 33Page - STMicroelectronics LRI64-MBTG Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
LRI64
30/38
Figure 42. A7 Antenna on Tape Outline
Note: Drawing is not to scale.
Table 17. A7 Antenna on Tape Mechanical Data
Symbol
Parameter
Typ
Min
Max
Unit
A1
Coil Width
40
39.5
40.5
mm
A2
Coil Length
20
19.5
20.5
mm
B1
Antenna Cut Width
44
43.8
44.2
mm
B2
Antenna Cut Length
24
23.8
24.2
mm
C1
Die Position from Antenna
10
9.8
10.2
mm
C2
Die Position from Antenna
20
19.8
20.2
mm
Overall Thickness of copper antenna coil
160
145
175
µm
Silicon Thickness
180
165
195
µm
Q
Unloaded Q value
35
FNOM
Unloaded free-air resonance
15.1
MHz
PA
H-field Energy for Device Operation
1
120
A/m
dbµA/m
C2
A2
B2
C1
C1
A1
B1
ai10121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com