Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 29 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 25Page - STMicroelectronics LRI64-MBTG Datasheet HTML 26Page - STMicroelectronics LRI64-MBTG Datasheet HTML 27Page - STMicroelectronics LRI64-MBTG Datasheet HTML 28Page - STMicroelectronics LRI64-MBTG Datasheet HTML 29Page - STMicroelectronics LRI64-MBTG Datasheet HTML 30Page - STMicroelectronics LRI64-MBTG Datasheet HTML 31Page - STMicroelectronics LRI64-MBTG Datasheet HTML 32Page - STMicroelectronics LRI64-MBTG Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29/38
LRI64
Figure 41. A6 Antenna on Tape Outline
Note: Drawing is not to scale.
Table 16. A6 Antenna on Tape Mechanical Data
Symbol
Parameter
Typ
Min
Max
Unit
A
Coil Diameter
35
34.5
35.5
mm
B
Antenna cut diameter
40
38.8
40.2
mm
I
Hole Diameter
16
15.8
16.2
mm
Overall Thickness of copper antenna coil
80
70
90
µm
Silicon Thickness
180
165
195
µm
Q
Unloaded Q value
35
FNOM
Unloaded free-air resonance
15.1
MHz
PA
H-field Energy for Device Operation
0.5
114
A/m
dbµA/m
AB
ai10120
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com