Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 32 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 28Page - STMicroelectronics LRI64-MBTG Datasheet HTML 29Page - STMicroelectronics LRI64-MBTG Datasheet HTML 30Page - STMicroelectronics LRI64-MBTG Datasheet HTML 31Page - STMicroelectronics LRI64-MBTG Datasheet HTML 32Page - STMicroelectronics LRI64-MBTG Datasheet HTML 33Page - STMicroelectronics LRI64-MBTG Datasheet HTML 34Page - STMicroelectronics LRI64-MBTG Datasheet HTML 35Page - STMicroelectronics LRI64-MBTG Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LRI64
32/38
PART NUMBERING
Table 19. Ordering Information Scheme
For a list of available options (speed, package, etc.) or for further information on any aspect of this device,
please contact your nearest ST Sales Office, or send your enquiries to the following e-mail address: mem-
ories.contactless@st.com
Example:
LRI64
–
W4
/ XXX
Device Type
LRI64
Package
W4 =180
µm ± 15 µm Unsawn Wafer, 18.5 pF tuning capacitor
SBN18= 180µm ± 15 µm Bumped and Sawn Wafer on 8-inch Frame
A1T= 45mm x 76mm Copper Antenna on Continuous Tape
A1S= 45mm x 76mm Copper Singulated Adhesive Antenna on Tape
A6S2U= 35mm Copper Singulated Adhesive CD Antenna on white PET Tape and no marking
A7T= 20mm x 40mm Copper Antenna on Continuous Tape
MBTG = UDFDFPN8 (MLP8), Tape & Reel Packing, Lead-Free, RoHS compliant,
Sb2O3-free and TBBA-free
Customer Code
XXX = Given by STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com