Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRI64-MBTG Datasheet(PDF) 28 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 24Page - STMicroelectronics LRI64-MBTG Datasheet HTML 25Page - STMicroelectronics LRI64-MBTG Datasheet HTML 26Page - STMicroelectronics LRI64-MBTG Datasheet HTML 27Page - STMicroelectronics LRI64-MBTG Datasheet HTML 28Page - STMicroelectronics LRI64-MBTG Datasheet HTML 29Page - STMicroelectronics LRI64-MBTG Datasheet HTML 30Page - STMicroelectronics LRI64-MBTG Datasheet HTML 31Page - STMicroelectronics LRI64-MBTG Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LRI64
28/38
PACKAGE MECHANICAL
Figure 40. A1 Antenna on Tape Outline
Note: Drawing is not to scale.
Table 15. A1 Antenna on Tape Mechanical Data
Symbol
Parameter
Typ
Min
Max
Unit
A1
Coil Width
45
44.5
45.5
mm
A2
Coil Length
76
75.5
76.5
mm
B1
Antenna Cut Width
49
48.8
49.2
mm
B2
Antenna Cut Length
82
81.8
82.2
mm
C1
Die Position from Antenna
23
22.8
23.2
mm
C2
Die Position from Antenna
56
55.8
56.2
mm
Silicon Thickness
180
165
195
µm
Q
Unloaded Q value
35
FNOM
Unloaded free-air resonance
15.1
MHz
PA
H-field Energy for Device Operation
0.03
90
A/m
dbµA/m
A1
B1
A2
B2
C2
C1
ai10119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com