Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812ABJR Datasheet(PDF) 18 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 14Page - STMicroelectronics STMPE812ABJR Datasheet HTML 15Page - STMicroelectronics STMPE812ABJR Datasheet HTML 16Page - STMicroelectronics STMPE812ABJR Datasheet HTML 17Page - STMicroelectronics STMPE812ABJR Datasheet HTML 18Page - STMicroelectronics STMPE812ABJR Datasheet HTML 19Page - STMicroelectronics STMPE812ABJR Datasheet HTML 20Page - STMicroelectronics STMPE812ABJR Datasheet HTML 21Page - STMicroelectronics STMPE812ABJR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
STMPE812A registers
STMPE812A
18/53
Doc ID 18225 Rev 4
6.1
Auto-increment/non auto-increment address
The STMPE812A supports auto-increment accesses on all, except for TSC data register
(0x44). While accessing auto-increment register location, consecutive read/write access
data from the consecutive registers. Note that for register accesses started on auto-
incremental addresses, the address 0x44 is skipped.
For example:
Write register address (0x40)
Read data (data of 0x40)
Read data (data of 0x41)
Read data (data of 0x42)
Read data (data of 0x43)
Read data (data of 0x45) <= 0x44 is skipped.
0x44
TSC_DATA
8
R
-
Non auto-increment address
Registers from 0x50 - 0x5F are accessible only if “PWM_OFF” bit in SYS_CTRL is set to “0”.
0x50
PWM_CLOCK_
DIV
8
R/W
0x00
PWM clock divider
0x51
PWM_CTRL1
8
R/W
0x00
Master control of PWM
channel 1
Table 7.
Register summary map table (continued)
Address
Register name
Bit
Type
Reset value
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com