Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812ABJR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 15Page - STMicroelectronics STMPE812ABJR Datasheet HTML 16Page - STMicroelectronics STMPE812ABJR Datasheet HTML 17Page - STMicroelectronics STMPE812ABJR Datasheet HTML 18Page - STMicroelectronics STMPE812ABJR Datasheet HTML 19Page - STMicroelectronics STMPE812ABJR Datasheet HTML 20Page - STMicroelectronics STMPE812ABJR Datasheet HTML 21Page - STMicroelectronics STMPE812ABJR Datasheet HTML 22Page - STMicroelectronics STMPE812ABJR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
STMPE812A
System and identification registers
Doc ID 18225 Rev 4
19/53
7
System and identification registers
SYS_CTRL
System control register
Address:
0x03
Type:
R/W
Reset:
0x0F
Description:
System control register.
If the clock supply to a particular functional block is turned off, the registers of these
modules are not accessible.
Table 8.
System and identification registers map
Address
Register name
Bit
Type
Reset
Function
0x00 - 01
CHIP_ID
16
R
0x0A812
Device identification
0x02
ID_VER
8
R
0x10
Revision number
0x10 for engineering sample
0x03
SYS_CTRL
8
R/W
0xF8
System control register
0x04
PORT_FUNCTION
8
R/W
0x00
Port function control register
0x06 - 07
SCRATCH_PAD
16
R/W
0x00
General purpose storage
register
76
5
4
3
2
1
0
RESERVED
SOFT_RESET
TSC_EN
RESERVED
PWM_OFF
GPIO_OFF
TSC_OFF
ADC_OFF
00
0
0
1
1
1
1
[7] RESERVED
[6] SOFT_RESET
Reset the 812 using serial communication
ALL REGISTER VALUES ARE RESET. State machines all back to POR states.
[5] TSC_EN
Write ‘1’ to enable operation of TSC. Write ‘0’ to disable it.
[4] RESERVED
[3] PWM_OFF
Writing ‘1’ switches OFF the clock supply to PWM
[2] GPIO_OFF
Writing ‘1’ switches OFF the clock supply to GPIO
[1] TSC_OFF
Writing ‘1’ switches OFF the clock supply to touchscreen controller
[0] ADC_OFF
Writing ‘1’ switches OFF the clock supply to ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com