Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812ABJR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 19Page - STMicroelectronics STMPE812ABJR Datasheet HTML 20Page - STMicroelectronics STMPE812ABJR Datasheet HTML 21Page - STMicroelectronics STMPE812ABJR Datasheet HTML 22Page - STMicroelectronics STMPE812ABJR Datasheet HTML 23Page - STMicroelectronics STMPE812ABJR Datasheet HTML 24Page - STMicroelectronics STMPE812ABJR Datasheet HTML 25Page - STMicroelectronics STMPE812ABJR Datasheet HTML 26Page - STMicroelectronics STMPE812ABJR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
STMPE812A
Interrupt system
Doc ID 18225 Rev 4
23/53
INT_EN
Interrupt enable register
Address:
0x09
Type:
R/W
Reset:
0x00
Description:
This register is used to enable the interruption from a system related interrupt source
to the host.
Note:
* Hotkey interrupt should have respond time of <5 µs in active mode and less than 1 ms in
hibernate mode.
7
6
543
2
1
0
TSC_ERR
TSC_RELEASE
P2
RESERVED
P1
P0
TSC_DATA
TSC_TOUCH
0
0
000
0
0
0
[7] TSC_ERR
Error encountered in coordinate calculation in touchscreen controller
[6] TSC_RELEASE:
Release of TSC is detected
[5] P2:
Port 2 activity (GPIO)
[4] RESERVED
[3] P1
Port 1 activity (GPIO/ADC/PWM)
[2] P0
Port 0 activity (GPIO)
[1] TSC_DATA
Touch data available
[0] TSC_TOUCH
Touch is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com