Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812ABJR Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 22Page - STMicroelectronics STMPE812ABJR Datasheet HTML 23Page - STMicroelectronics STMPE812ABJR Datasheet HTML 24Page - STMicroelectronics STMPE812ABJR Datasheet HTML 25Page - STMicroelectronics STMPE812ABJR Datasheet HTML 26Page - STMicroelectronics STMPE812ABJR Datasheet HTML 27Page - STMicroelectronics STMPE812ABJR Datasheet HTML 28Page - STMicroelectronics STMPE812ABJR Datasheet HTML 29Page - STMicroelectronics STMPE812ABJR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
ADC controller
STMPE812A
26/53
Doc ID 18225 Rev 4
ADC control register
ADC control
Address:
0x20
Type:
R/W
Reset:
0x33
Description:
This register is used to configure the ADC operations.
7654
3
2
1
0
ADC_MODE
ADC_CAP
ADC_FREQ
CP_ARM
CP_Lock[1:0]
RESERVED
0011
0
0
1
1
[7] ADC_MODE: ADC capture mode
‘0’ – Continuous capture according to sampling rate specified by ADC_FREQ register. New
data over-writes old data in ADC_DATA register.
‘1’ – One-shot capture. One sample is taken every time system writes ‘1’ to ADC_CAP bit
[6] ADC_CAP: ADC channel data capture
In one-shot mode:
Write ‘1’ to initiate data acquisition for the corresponding channel. Writing ‘0’ has no effect.
Reads ‘1’ if conversion is in progress.Reads ‘0’ if conversion is completed.
One-shot mode ADC generates interrupt in corresponding interrupt status bit on completion of
conversion
In continuous capture mode:
Write ‘1’ to initiate data acquisition for the corresponding channel. Writing ‘0’ to stop capturing.
[5:4] ADC_FREQ: ADC sampling frequency based on 1MHz RC (minimum 880 KHz)
00 – 10 K samples/sec
01 – 12.5 K samples/sec
10 – 15 K samples/sec
11 – 20 K samples/sec
NOTE: As the ADC is also used for TSC operation. This setting affects the maximum sampling
rate possible with TSC.
[3] CP_Arm: Writing ‘1’ arms the charge-pump for unlocking
Writing ‘0’ un-arms it
Charge-pump is required for ADC/TSC operation when VCC is less than 2.5 V. Activating the
charge pump when VCC is more than 2.5 V may result in permanent damage of the
device.
Charge-pump can be activated by unlocking CP_Lock after it is armed.
[2:1] CP_Lock[1:0]: Only effective if CP_Arm is set to ‘1’.
Always reads ‘00’.
Writing ‘01’ when CP_Arm is ‘1’ activates the charge pump.
Writing ‘00’, ‘10’ and ‘11’ does NOT activate the charge-pump, and clears the CP_Arm bit.
CP_Arm MUST BE set before writing to CP_Lock. Accesses to CP_Lock will be ignored, if
CP_Arm is ‘0’.
Note: CP_Arm and CP_Lock CANNOT be accessed in a single I2C transaction. System must
first ARM the CP with 1 I2C transaction, and unlocks it in the next. CP_LOCK reads “00”
if charge pump is activated
CP_LOCK reads “01” if charge pump is not activated
[0] RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com