Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812ABJR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 28Page - STMicroelectronics STMPE812ABJR Datasheet HTML 29Page - STMicroelectronics STMPE812ABJR Datasheet HTML 30Page - STMicroelectronics STMPE812ABJR Datasheet HTML 31Page - STMicroelectronics STMPE812ABJR Datasheet HTML 32Page - STMicroelectronics STMPE812ABJR Datasheet HTML 33Page - STMicroelectronics STMPE812ABJR Datasheet HTML 34Page - STMicroelectronics STMPE812ABJR Datasheet HTML 35Page - STMicroelectronics STMPE812ABJR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
Touchscreen controller
STMPE812A
32/53
Doc ID 18225 Rev 4
11.1
Touchscreen controller detection sequence
Following is the sequence of detection in the STMPE812A touchscreen controller for X, Y
and Z:
1.
Touch detect
2.
Drive Y
3.
Wait for settling time
4.
Measure Y
5.
Stop drive
6.
Drive Z
7.
Wait for settling time
8.
Measure Z
9.
Stop drive
10. Drive X
11. Wait for settling time
12. Measure X
13. Stop drive
14. Touch detect
11.2
3 modes of acquisition
1.
Data acquisition timed by internal timer:
The host system selects a “sampling period” with, based on internal timer, the touchscreen
controller takes a complete set of samples on every period. The host system may choose to
read the data by:
–
Waiting for the INT
–
Polling for INT_STATUS register for TOUCH DATA
–
Reading the TSC_DATA at approximately the same timing. (Use “Data Valid Status
Read” option in this mode)
2.
Data acquisition triggered by a write to “ACQ” bit:
As and when sampling is desired, host writes to the ACQ bit and:
–
Poll the ACQ to wait for completion
–
Wait for INT for Touch Data access
–
Poll the FIFO after approximate time required for sampling. (Use “Data Valid
Status Read” option in this mode)
3.
Data acquisition using host-controlled sampling rate control
The host sets the internal timer for the desired data-rate. On staring the touchscreen
controller in this mode, a complete set of sample is taken immediately. The touchscreen
controller enters in hibernate mode (clock is turned OFF, only monitors the PEN-DOWN
status). When system host reads the Touch Data available in FIFO, another set of data is
taken immediately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com