Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE812ABJR Datasheet(PDF) 41 Page - STMicroelectronics

Part # STMPE812ABJR
Description  Integrated 4-wire resistive touchscreen controller, pen-down/real-time mode, fullyautonomous
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812ABJR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STMPE812ABJR Datasheet HTML 37Page - STMicroelectronics STMPE812ABJR Datasheet HTML 38Page - STMicroelectronics STMPE812ABJR Datasheet HTML 39Page - STMicroelectronics STMPE812ABJR Datasheet HTML 40Page - STMicroelectronics STMPE812ABJR Datasheet HTML 41Page - STMicroelectronics STMPE812ABJR Datasheet HTML 42Page - STMicroelectronics STMPE812ABJR Datasheet HTML 43Page - STMicroelectronics STMPE812ABJR Datasheet HTML 44Page - STMicroelectronics STMPE812ABJR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
STMPE812A
GPIO port controller
Doc ID 18225 Rev 4
41/53
12
GPIO port controller
A total of 3 configurable ports are available in the STMPE812A port expander device.
If configured as GPIO input/output, they are controlled by the GPIO registers.
All GPIO registers are named as GPxx, where:
Xxx represents the functional group
The function of each bit is shown in Table 15:
If both GPFE and GPRE are not set, state transition on a GPIO does not cause an interrupt.
On power-up reset, all GPIO are set as input.
Table 14.
GPIO registers
Address
Register
Bit
Type
Reset
Function
0x10
GPIO_SET_PIN
8
R/W
0x00
Set pin state
0x11
GPIO_CLR_PIN
8
R/W
0x00
Clear pin state
0x12
GPIO_MP_STA
8
R/W
0x00
Monitor pin state
0x13
GPIO_DIR
8
R/W
0x00
Falling edge
detection enable
0x14
GPIO_ED
8
R/W
0x00
Rising edge
detection enable
Bit
7
6543210
GPxx
IO-2
RESERVED
IO-1
IO-0
Table 15.
GPIO registers
Register name
Function
GPIO monitor pin state
Reading this bit yields the current state of the bit. Writing has no effect.
GPIO set pin state
Writing ‘1’ to this bit causes the corresponding GPIO to go to ‘1’ state.
Writing ‘0’ to this bit has no effect
Reading this register always yield 0x00
GPIO clear pin state
Writing ‘1’ to this bit causes the corresponding GPIO to go to ‘0’ state.
Writing ‘0’ to this bit has no effect
Reading this register always yield 0x00
GPIO falling edge detection
enable
Writing ‘1’ to this bit allows interrupt generation when there is a falling
edge at the corresponding GPIO
Writing ‘0’ disables the interrupt generation on falling edge detection
GPIO rising edge detection
enable
Writing ‘1’ to this bit allows interrupt generation when there is a rising
edge at the corresponding GPIO
Writing ‘0’ disables the interrupt generation on rising edge detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com