Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STOD03B
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STOD03B Datasheet HTML 2Page - STMicroelectronics STOD03B Datasheet HTML 3Page - STMicroelectronics STOD03B Datasheet HTML 4Page - STMicroelectronics STOD03B Datasheet HTML 5Page - STMicroelectronics STOD03B Datasheet HTML 6Page - STMicroelectronics STOD03B Datasheet HTML 7Page - STMicroelectronics STOD03B Datasheet HTML 8Page - STMicroelectronics STOD03B Datasheet HTML 9Page - STMicroelectronics STOD03B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Maximum ratings
STOD03B
6/22
Doc ID 022613 Rev 1
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VINA, VINP
DC supply voltage
-0.3 to 6
V
EN, SWIRE
Logic input pins
-0.3 to 4.6
V
ILX2
Inverting converter switching current
Internally limited
A
LX2
Inverting converter switching node voltage
-10 to VINP+0.3
V
VO2
Inverting converter output voltage
-10 to AGND+0.3
V
VO1, VMID
LDO and step-up converter output voltage
-0.3 to 6
V
LX1
Step-up converter switching node voltage
-0.3 to VMID+0.3
V
ILX1
Step-up converter switching current
Internally limited
A
VREF
Reference voltage
-0.3 to 3
V
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TJ
Maximum junction temperature
150
°C
ESD
Human Body Model Protection
± 2kV
Machine Body Model Protection
± 200
kV
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
33
°C/W
RthJC
Thermal resistance junction-case (FR-4 PCB) (1)
2.12
°C/W
1.
The package is mounted on a 4-layer (2S2P) JEDEC board as per JESD51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com