Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STOD03B
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03B Datasheet(HTML) 4 Page - STMicroelectronics

  STOD03B Datasheet HTML 1Page - STMicroelectronics STOD03B Datasheet HTML 2Page - STMicroelectronics STOD03B Datasheet HTML 3Page - STMicroelectronics STOD03B Datasheet HTML 4Page - STMicroelectronics STOD03B Datasheet HTML 5Page - STMicroelectronics STOD03B Datasheet HTML 6Page - STMicroelectronics STOD03B Datasheet HTML 7Page - STMicroelectronics STOD03B Datasheet HTML 8Page - STMicroelectronics STOD03B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Schematic
STOD03B
4/22
Doc ID 022613 Rev 1
Note:
All the above components refer to the typical application performance characteristics.
Operation of the device is not limited to the choice of these external components. Inductor
values ranging from 3.3 µH to 6.8 µH can be used together with STOD03B.
Figure 2.
Block schematic
Comp.
Manufacturer
Part number
Value
Size
Ratings
CMID
MURATA
TAIYO YUDEN
GRM219R61A106KE44
LMK212BJ106KD-T
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CREF
MURATA
TAIYO YUDEN
GRM185R60J105KE26
JMK107BJ105KK-T
1µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
1.
A 200 mA load can be provided with inductor saturation current as a minimum of 0.6 A.
2.
For VO2 in a range between - 4.9 V to -5.4 V, a load current of 150 mA to 200 mA can be provided using inductors with a
saturation current as a minimum of 1 A. See Section 7.1.1.
Table 2.
Typical external components (continued)
AM10429v1
STEP-UP
CONTROL
INVERTING
CONTROL
DISCHARGE
FAST
DISCHARGE
FAST
VREF
LOGIC CONTROL
OTP
S-WIRE
VINP
AGND
PGND
EN
S-WIRE
VINA
LX1
LX2
RING
KILLER
VINP
VREF
OSC
S-wire
control
DMD
DMD
VREF
UVLO
VMID
VO2
VO1
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com