Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STOD03B
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STOD03B Datasheet HTML 12Page - STMicroelectronics STOD03B Datasheet HTML 13Page - STMicroelectronics STOD03B Datasheet HTML 14Page - STMicroelectronics STOD03B Datasheet HTML 15Page - STMicroelectronics STOD03B Datasheet HTML 16Page - STMicroelectronics STOD03B Datasheet HTML 17Page - STMicroelectronics STOD03B Datasheet HTML 18Page - STMicroelectronics STOD03B Datasheet HTML 19Page - STMicroelectronics STOD03B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Detailed description
STOD03B
16/22
Doc ID 022613 Rev 1
8.1.2
Enable pin
The device operates when the EN pin is set high. If the EN pin is set low, the device stops
switching, and all the internal blocks are turned off. In this condition the current drawn from
VINP/VINA is below 1 µA in the whole temperature range. In addition, the internal switches
are in an OFF state so the load is electrically disconnected from the input, this avoids
unwanted current leakage from the input to the load.
8.1.3
Soft-start and inrush current limiting
After the EN pin is pulled high, or after a suitable voltage is applied to VINP, VINA and EN, the
device initiates the startup phase. As a first step, the CMID capacitor is charged and the P1B
switch implements a current limiting technique in order to keep the charge current below
400 mA. This avoids the battery overloading during startup. After VMID reaches the VINP
voltage level, the P1B switch is fully turned on and the soft-start procedure for the step-up is
started.
After around 2 ms the soft-start for the inverting is started. The positive and negative
voltages are under regulation by around 6 ms after the EN pin is asserted high.
8.1.4
Undervoltage lockout
The undervoltage lockout function avoids improper operation of the STOD03B when the
input voltage is not high enough. When the input voltage is below the UVLO threshold the
device is in shutdown mode. The hysteresis of 50 mV avoids unstable operation when the
input voltage is close to the UVLO threshold.
8.1.5
Overtemperature protection
An internal temperature sensor continuously monitors the IC junction temperature. If the IC
temperature exceeds 140 °C, typical, the device stops operating. As soon as the
temperature falls below 125 °C, typical, normal operation is restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com