Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOD03B
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03B Datasheet(HTML) 5 Page - STMicroelectronics

  STOD03B Datasheet HTML 1Page - STMicroelectronics STOD03B Datasheet HTML 2Page - STMicroelectronics STOD03B Datasheet HTML 3Page - STMicroelectronics STOD03B Datasheet HTML 4Page - STMicroelectronics STOD03B Datasheet HTML 5Page - STMicroelectronics STOD03B Datasheet HTML 6Page - STMicroelectronics STOD03B Datasheet HTML 7Page - STMicroelectronics STOD03B Datasheet HTML 8Page - STMicroelectronics STOD03B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
STOD03B
Pin configuration
Doc ID 022613 Rev 1
5/22
2
Pin configuration
Figure 3.
Pin configuration (top view)
Table 3.
Pin description
Pin name
Pin n°
Description
Lx1
1
Boost converter switching node
PGND
2
Power ground pin
VMID
3
Step-up converter output voltage (4.9V)
VO1
4
4.6V fixed LDO output
AGND
5
Signal ground pin. This pin must be connected to the power ground layer
VREF
6
Voltage reference output. 1µF bypass capacitor must be connected
between this pin and AGND
SWIRE
7
Negative voltage setting pin.
EN
8
Enable control pin. High 1
converter on; low or floating = converter in shutdown mode (1)
1.
No pull-up/pull-down resistors are needed.
VO2
9
Inverting converter output voltage
Lx2
10
Inverting converter switching node
VIN A
11
Analogic input supply voltage
ViN P
12
Power input supply voltage
Exposed
pad
Internally connected to AGND. Exposed pad must be connected to ground
layers in the PCB layout in order to guarantee proper operation of the
device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com