Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03B Datasheet(PDF) 3 Page - STMicroelectronics

Part # STOD03B
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03B Datasheet(HTML) 3 Page - STMicroelectronics

  STOD03B Datasheet HTML 1Page - STMicroelectronics STOD03B Datasheet HTML 2Page - STMicroelectronics STOD03B Datasheet HTML 3Page - STMicroelectronics STOD03B Datasheet HTML 4Page - STMicroelectronics STOD03B Datasheet HTML 5Page - STMicroelectronics STOD03B Datasheet HTML 6Page - STMicroelectronics STOD03B Datasheet HTML 7Page - STMicroelectronics STOD03B Datasheet HTML 8Page - STMicroelectronics STOD03B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STOD03B
Schematic
Doc ID 022613 Rev 1
3/22
1
Schematic
Figure 1.
Application schematic
EN
EN
VINA
CMID
VMID
L1
LX1
VINP
CIN
Swire
S-Wire
VBAT
VREF
CREF
LX2
L2
AGND
PGND
CO2
VO2
CO1
VO1
STOD03B
AM10428v1
Table 2.
Typical external components
Comp.
Manufacturer
Part number
Value
Size
Ratings
L1
(1)
COILCRAFT
MURATA
SEMCO
ABCO
ABCO
LPS4012-472ML
LQH3NPN4R7MJ0
CIG22B4R7MNE
LPF2810T-4R7M
LPF2807T-4R7M
4.7µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.1
2.5 x 2.0 x 1.0
2.8 x 2.8 x 1.0
2.8 x 2.8 x 0.7
±20%, curr. 1.7A, res. 0.175
Ω
±20%, curr. 1.1A, res. 0.156
Ω
±20%, curr. 1.1A, res. 0.300
Ω
±20%, curr. 0.85A, res. 0.33
Ω
±20%, curr. 0.70A, res. 0.44
Ω
L2
(2)
COILCRAFT
MURATA
TOKO
ABCO
LPS4012-472ML
LQH3NPN4R7MJ0
DFE252012C 1239AS-H-
4R7N
LPF2807T-4R7M
4.7µH
4.0 x 4.0 x 1.2
3.0 x 3.0 x 1.1
2.5 x 2.0 x 1.2
2.8 x 2.8 x 0.7
±20%, curr. 1.7A, res. 0.175
Ω
±20%, curr. 1.1A, res. 0.156
Ω
±30%, curr. 1.2A, res. 0.252
Ω
±20%, curr. 0.70A, res. 0.44
Ω
CIN
MURATA
TAIYO YUDEN
GRM219R61A106KE44
LMK212BJ106KD-T
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CO1
MURATA
TAIYO YUDEN
GRM219R61A106KE44
LMK212BJ106KD-T
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V
CO2
MURATA
TAIYO YUDEN
GRM219R61A106KE44
LMK212BJ106KD-T
10µF
0805
0805
±10%, X5R, 10V
±10%, X5R, 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com