Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD03B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STOD03B
Description  Step-up with LDO and inverter converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD03B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STOD03B Datasheet HTML 3Page - STMicroelectronics STOD03B Datasheet HTML 4Page - STMicroelectronics STOD03B Datasheet HTML 5Page - STMicroelectronics STOD03B Datasheet HTML 6Page - STMicroelectronics STOD03B Datasheet HTML 7Page - STMicroelectronics STOD03B Datasheet HTML 8Page - STMicroelectronics STOD03B Datasheet HTML 9Page - STMicroelectronics STOD03B Datasheet HTML 10Page - STMicroelectronics STOD03B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
STOD03B
Electrical characteristics
Doc ID 022613 Rev 1
7/22
4
Electrical characteristics
TJ = 25 °C, VINA = VINP = 3.7 V, IO1,2 = 30 mA, CIN = 2 x10 µF, CMID = 2 x10 µF, CO1 = 10 µF,
CO2 = 2 x10 µF, CREF = 1 µF, L1 = L2 = 4.7 µH, VEN = 2 V, VMID = 4.9 V, VO1 = 4.6 V,
VO2 = -4.9 V unless otherwise specified.
Table 6.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VINA, VINP
Supply input voltage
2.3
4.8
V
UVLO_H
Undervoltage lockout HIGH
VINA rising
2.22
2.25
V
UVLO_L
Undervoltage lockout LOW
VINA falling
1.9
2.18
V
I_VI
Input current
No load condition (sum of
VINA and VINP)
1.3
1.7
mA
IQ_SH
Shutdown current
VEN=GND (sum of VINA and
VINP); TJ=-40°C to +85°C;
1µA
VEN H
Enable high threshold
VINA=2.3V to 4.8V,
TJ=-40°C to +85°C;
1.2
V
VEN L
Enable low threshold
0.4
IEN
Enable input current
VEN=VINA=4.8V;
TJ=-40°C to +85°C;
1µA
fS
Switching frequency
PWM mode
1.35
1.5
1.65
MHz
D1MAX
Step-up maximum duty cycle No load
87
%
D2MAX
Inverting maximum duty cycle No load
87
%
η
Total system efficiency
IO1,O2=10 to 30mA,
VO1=4.6V, VO2=-4.9V
75
%
IO1,O2=30 to 150mA,
VO1=4.6V, VO2=-4.9V
82
%
VREF
Voltage reference
IREF=10µA
1.195
1.207
1.219
V
IREF
Voltage reference current
capability
At 98.5% of no load
reference voltage
100
µA
OTP
Overtemperature protection
140
°C
OTPHYST
Overtemperature protection
hysteresis
15
°C
Positive output section
VO1
Positive voltage total variation
VINA=VINP=2.3V to 4.8V;
TJ=-40°C to +85°C; IO1=5mA
to 150mA, IO2 no load
4.554
4.6
4.646
V
ΔV
O1LT
Line transient
VINA,P=3.5V to 3.0V,
IO1=100mA; TR=TF=50µs
-12
mV
ΔV
O1T
Load transient regulation
IO1=3 to 30mA and IO1=30 to
3mA, TR=TF=150µs
±20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com