Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT20 Datasheet(PDF) 2 Page - CUI INC

Part # AMT20
Description  patented capacitive ASIC technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT20 Datasheet(HTML) 2 Page - CUI INC

  AMT20 Datasheet HTML 1Page - CUI INC AMT20 Datasheet HTML 2Page - CUI INC AMT20 Datasheet HTML 3Page - CUI INC AMT20 Datasheet HTML 4Page - CUI INC AMT20 Datasheet HTML 5Page - CUI INC AMT20 Datasheet HTML 6Page - CUI INC AMT20 Datasheet HTML 7Page - CUI INC AMT20 Datasheet HTML 8Page - CUI INC AMT20 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 05/13/2016
│ page 2 of 10
CUI Inc
│ SERIES: AMT20 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
weight
15.7
g
axial play
±0.3
mm
rotational speed
8000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
125
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
2011/65/EU
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
Serial Peripheral Interface (SPI)
controller
SPI driven by onboard Microchip PIC16F6901
data rate1
1
MHz
Note:
1. See Microchip documentation for additional detaisl.
WAVEFORMS
X
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
Parameter
Description
Expression
Units
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
I
index width
P/2
mechanical degrees
S
A/B state width
P/2
mechanical degrees
The following parameters are defined by the resolution selected for each
encoder, where R = resolution.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com