Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT20 Datasheet(PDF) 3 Page - CUI INC

Part # AMT20
Description  patented capacitive ASIC technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT20 Datasheet(HTML) 3 Page - CUI INC

  AMT20 Datasheet HTML 1Page - CUI INC AMT20 Datasheet HTML 2Page - CUI INC AMT20 Datasheet HTML 3Page - CUI INC AMT20 Datasheet HTML 4Page - CUI INC AMT20 Datasheet HTML 5Page - CUI INC AMT20 Datasheet HTML 6Page - CUI INC AMT20 Datasheet HTML 7Page - CUI INC AMT20 Datasheet HTML 8Page - CUI INC AMT20 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
cui.com
date 05/13/2016
│ page 3 of 10
CUI Inc
│ SERIES: AMT20 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
PART NUMBER KEY
The AMT203 is designed for 12 bit binary (4,096) operation. For customers who may use the optional quadrature output, one of the resolutions below may be
selected as the default quadrature output.
AMT203 - XXXX - XXXX - X- X
Quadrature
Resolution (PPR):
0096
0500
0192
0512
0200
0768
0250
0800
0384
1000
0400
1024
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Base Number
AMT203-V KIT
In order to provide maximum flexibility for our customers, the AMT203 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs.
SLEEVES
2mm3mm
1/8 inch
(3.175mm)
4mm
3/16 inch
(4.76mm)
5mm6mm
1/4 inch
(6.35mm)
8mm
Light Sky
Blue
Orange
Purple
Gray
YellowGreen
RedSnowBlue
BASE
TOP
COVER
SHAFT
ADAPTER
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
Connector Options:
"blank" = standard connector
C = locking connector
Mounting Base:
S = Standard
W= Wide
Note:
1. Conformal coating available upon request
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com