Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT20 Datasheet(PDF) 4 Page - CUI INC

Part # AMT20
Description  patented capacitive ASIC technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT20 Datasheet(HTML) 4 Page - CUI INC

  AMT20 Datasheet HTML 1Page - CUI INC AMT20 Datasheet HTML 2Page - CUI INC AMT20 Datasheet HTML 3Page - CUI INC AMT20 Datasheet HTML 4Page - CUI INC AMT20 Datasheet HTML 5Page - CUI INC AMT20 Datasheet HTML 6Page - CUI INC AMT20 Datasheet HTML 7Page - CUI INC AMT20 Datasheet HTML 8Page - CUI INC AMT20 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 05/13/2016
│ page 4 of 10
CUI Inc
│ SERIES: AMT20 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
5
73
SCALE 4 : 1
13
14 12 10 8642
11 9
DETAIL B
1
B
B
9
14
8
SCALE 4 : 1
13
2
12
5
10
7
4
3
11
6
DETAIL B
1
ENCODER INTERFACE
PINOUT CONNECTOR
Function
#
AMT203
1
N/A
2
CSB
3
MISO
4
GND
5
SCK
6
+5 V
7
MOSI
8
B
9
N/A
10
A
11
N/A
12
Z
13
N/A
14
N/A
LOCKING
CONNECTOR OPTION
STANDARD
CONNECTOR OPTION
Mating Connector:
Samtec ISDF-07-D-L
Mating Connector:
Samtec ISDF-07-D
Demo Board Cable
(Cable available without Demo Board Connector)
Encoder Side
Demo Board Side
10 conductor
1.27 mm pitch
28 AWG
(304.8)
1' 0.25"
Samtec
ISDF-
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com