Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT20 Datasheet(PDF) 9 Page - CUI INC

Part # AMT20
Description  patented capacitive ASIC technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT20 Datasheet(HTML) 9 Page - CUI INC

Back Button AMT20 Datasheet HTML 2Page - CUI INC AMT20 Datasheet HTML 3Page - CUI INC AMT20 Datasheet HTML 4Page - CUI INC AMT20 Datasheet HTML 5Page - CUI INC AMT20 Datasheet HTML 6Page - CUI INC AMT20 Datasheet HTML 7Page - CUI INC AMT20 Datasheet HTML 8Page - CUI INC AMT20 Datasheet HTML 9Page - CUI INC AMT20 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
cui.com
date 05/13/2016
│ page 9 of 10
CUI Inc
│ SERIES: AMT20 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
APPLICATION NOTES (CONTINUED)
All commands are 8 bits long. The msb is shifted in first, and is the leftmost bit shown in Figure 1.
Encoder Protocol Considerations:
The encoder is designed to operate with a high speed SPI link, in full duplex mode. This implies the host can issue commands and
read data as quickly as necessary but there has to be an acknowledgement from the slave just before the data is transferred.
First the host will issue a command, then the encoder may respond with wait responses (0xA5) until ready. Once ready the encoder
will echo the original command received from the master, followed by the requested data.
For example, to read the position the master will send the rd_pos command (0x10), it will then send no operation commands (nop_
a5, 0x00) until it receives the original rd_pos command back. Once it receives the rd_pos response from the encoder, it knows that
the next two bytes of data will be the MSB and the LSB respectively. To receive those two bytes the master will send two no operation
commands.
It is recommended that the master leave a 20 μs delay between reads to avoid extending the read time by forcing wait sequences.
Each byte transmitted must be followed by a release of the Chip Select line (CSB).
Command 0x00: nop_a5 (no operation)
This no operation command is ignored by the encoder and simply causes the next byte of data to be read. The encoder will respond
with 0xA5 if there is no remaining data to be sent.
Command 0x10: rd_pos (read position)
This command causes a read of the current position.
To read position this sequence should be followed:
1.
Master sends rd_pos command. Encoder responds with idle character.
2.
Continue sending nop_a5 command while encoder response is 0xA5
3.
If response was 0x10 (rd_pos), send nop_a5 and receive MSB position (lower 4 bits of this byte are the upper 4 of the 12-bit
position)
4.
Send second nop_a5 command and receive LSB position (lower 8 bits of 12-bit positon)
Note that it is possible to overlap commands. For instance, instead of issuing nop_a5 for steps 3 and 4, you could begin another read
position sequence since the position data is already in the buffer. The read and write FIFOs for the streams are 16 bytes long and it is
up to the user to avoid overflow.
Command 0x70: set_zero_point (zero set)
This command sets the current position to zero and saves this setting in the EEPROM.
To set the zero point this sequence should be followed:
1.
Send set_zero_point command
2.
Send nop_a5 command while response is not 0x80
3.
A response of 0x80 means that the zero set was successful and the new position offset is stored in EEPROM.
4.
The encoder must be power cycled. If the encoder is not power cycled, the position values will not be calculated off the latest
zero position. When the encoder is powered on next the new offset will be used for the position calculation.
SPI COMMANDS
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com