Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT20 Datasheet(PDF) 8 Page - CUI INC

Part # AMT20
Description  patented capacitive ASIC technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT20 Datasheet(HTML) 8 Page - CUI INC

Back Button AMT20 Datasheet HTML 2Page - CUI INC AMT20 Datasheet HTML 3Page - CUI INC AMT20 Datasheet HTML 4Page - CUI INC AMT20 Datasheet HTML 5Page - CUI INC AMT20 Datasheet HTML 6Page - CUI INC AMT20 Datasheet HTML 7Page - CUI INC AMT20 Datasheet HTML 8Page - CUI INC AMT20 Datasheet HTML 9Page - CUI INC AMT20 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
cui.com
date 05/13/2016
│ page 8 of 10
CUI Inc
│ SERIES: AMT20 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
APPLICATION NOTES
• Initialization mode: At power up the encoder goes through an initiation and stabilization procedure. This includes microprocessor
stabilization and the program for getting the absolute start position. This takes less than 100 milliseconds.
• Tracking mode:
1.
MCU 12 bit position register is updated from every 48 μs.
2.
For accurate position information without the 48 μs incremental outputs A/B can be used for tracking. These outputs are
operational up to 8000 RPM without speed error.
3.
When using the incremental output there also is a Z index pulse that occurs once per turn.
ENCODER OPERATIONAL MODE
The Serial Peripheral Interface (SPI) bus is a standard serial interface that operates in full duplex mode. It consists of 4 signals:
1.
MOSI: Master Out Slave In
2.
MISO: Master In Slave Out
3.
SCK: Serial Clock
4.
CSB: Chip Select (active low)
SERIAL PERIPHERAL INTERFACE COMMANDS
SCK
MISO
MOSI
CSB
MSB
LSB
MSB
LSB
Setup
The SPI bus transfers multiples of 8 bits in a frame. Data is captured on the rising edge of SCK and the output data is changed after
the falling edge of SCK.
Serial Peripheral Interface Bus (SPI) on AMT203 Timing Diagram
(Figure 1)
The data out on MISO is valid once CSB goes low. The MOSI data is valid after the falling edge of SCK. The encoder drives data out on
MISO for as long as CSB is low.
Normally, CSB goes low, then after 8 clock cycles the command is interpreted. CSB high resets the clock counter, and terminates any
command sequence.
SPI BUS
Terminology
MSB = most significant byte
LSB = least significant byte
msb = most significant bit
lsb = least significant bit
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com