Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT20 Datasheet(PDF) 1 Page - CUI INC

Part # AMT20
Description  patented capacitive ASIC technology
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT20 Datasheet(HTML) 1 Page - CUI INC

  AMT20 Datasheet HTML 1Page - CUI INC AMT20 Datasheet HTML 2Page - CUI INC AMT20 Datasheet HTML 3Page - CUI INC AMT20 Datasheet HTML 4Page - CUI INC AMT20 Datasheet HTML 5Page - CUI INC AMT20 Datasheet HTML 6Page - CUI INC AMT20 Datasheet HTML 7Page - CUI INC AMT20 Datasheet HTML 8Page - CUI INC AMT20 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
cui.com
date 05/13/2016
page 1 of 10
SERIES: AMT20
│ DESCRIPTION: MODULAR ABSOLUTE ENCODER
ELECTRICAL
parameter
conditions/description
min
typ
max
units
power supply
VDD
4.5
5
5.5
V
current consumption
with unloaded output
8
10
mA
output high level
VDD-0.8
V
output low level
0.4
V
output current
CMOS sink/source per channel
2
mA
rise/fall time
30
ns
INCREMENTAL CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
channels
quadrature A, B, and Z index
waveform
CMOS voltage square wave
phase difference
A leads B for CCW rotation (viewed from front)
90
degrees
quadrature resolutions1
96, 192, 200, 250, 384, 400, 500, 512, 768, 800,
1000, 1024
PPR
index
one pulse per 360 degree rotation
accuracy
0.2
degrees
quadrature duty cycle
50
%
Notes:
1. Resolution selected via AMT Demo Board. Default resolution set to 1024 PPR.
FEATURES
• patented capacitive ASIC technology
• low power consumption
• SPI configurable settings
• digitally set zero position alignment
• 12-bit absolute position via SPI (4096 positions)
• incremental resolutions up to 1024 PPR
• index pulse
• compact modular package with locking hub for ease of installation
• 7 different mounting hole options
• -40~125°C operating temperature
ABSOLUTE POSITION CHARACTERISTICS
parameter
conditions/description
min
typ
max
units
resolution
12
bits
positions
encoder can be zero-set via SPI or AMT Demo Board
accuracy
0.2
degrees
For more information, please visit the product page.


Similar Part No. - AMT20

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
828Kb / 10P
MODULAR ABSOLUTE ENCODER
09/10/2021
logo
CUI Devices
AMT20 CUID-AMT20 Datasheet
875Kb / 10P
MODULAR ABSOLUTE ENCODER
08/05/2022
logo
Same Sky Devices
AMT20 SAMESKY-AMT20 Datasheet
806Kb / 10P
MODULAR ABSOLUTE ENCODER
09/12/2024
logo
CUI INC
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
12 BIT ABSOLUTE ENCODER
AMT203 CUI-AMT203 Datasheet
370Kb / 6P
12 BIT AB SOLUTE ENCODER
More results

Similar Description - AMT20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5STP33L2800 ETC-5STP33L2800 Datasheet
394Kb / 6P
Patented free-floating silicon technology
logo
Active-Semi, Inc
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E Datasheet
113Kb / 4P
Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E_08 Datasheet
4Mb / 108P
Second generation ASIC replacement technology
logo
DIYI Electronic Technol...
SL1545 DYELEC-SL1545 Datasheet
2Mb / 2P
Patented Super Barrier Rectifier Technology
logo
CUI INC
AMT11 CUI-AMT11 Datasheet
736Kb / 9P
patented capacitive ASIC technology
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
Patented Trench Schottky technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com