Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAM9708 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # STSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STSAM9708 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button STSAM9708 Datasheet HTML 15Page - ATMEL Corporation STSAM9708 Datasheet HTML 16Page - ATMEL Corporation STSAM9708 Datasheet HTML 17Page - ATMEL Corporation STSAM9708 Datasheet HTML 18Page - ATMEL Corporation STSAM9708 Datasheet HTML 19Page - ATMEL Corporation STSAM9708 Datasheet HTML 20Page - ATMEL Corporation STSAM9708 Datasheet HTML 21Page - ATMEL Corporation STSAM9708 Datasheet HTML 22Page - ATMEL Corporation STSAM9708 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19
ATSAM9708
1772D–DRMSD–01/04
•As RAS only counter refresh method is employed, several banks of DRAMs can be connected using simple external
CAS decoding. Linear address lines (WAx) can be used to select between DRAM banks. For example, a 1M x 32 SIMM
module may be connected as two 1M x 16 banks, with CAS0 and CAS1 selections issued from CAS and WA20.
During a whole DRAM cycle (from RAS low to CAS rising), WCS0 is asserted low.
The equivalence between multiplexed DRAM address lines (DRA0 to DRA11) and the corresponding linear addressing
(WA0 to WA23) is as follows:
To save DRAM power consumption, CAS and RAS are cycled only when necessary. Therefore, depending on firmware
loaded, total board power consumption may increase with synthesis processing traffic.
Detailed External ROM Timing
Figure 12. ROM Read Cycle
DRA11
DRA10
DRA9
DRA8
DRA7
DRA6
DRA5
DRA4
DRA3
DRA2
DRA1
DRA0
RAS time
WA22
WA20
WA18
WA8
WA7
WA6
WA5
WA4
WA3
WA2
WA1
WA0
CAS time
WA23
WA21
WA19
WA17
WA16
WA15
WA14
WA13
WA12
WA11
WA10
WA9
Table 13. External ROM Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
RC
Read cycle time
6 x t
CK
ns
t
AOE
Address valid to WOE low
t
CK
ns
t
POE
Output enable pulse width
5 x t
ck
ns
t
AD
Address access time
6 x t
CK - 5
ns
t
OE
Output enable access time
5 x t
CK - 5
ns
t
DF
Chip select or WOE high to input data
High Z
0t
CK - 5
ns
tRC
tAOE
tPOE
tOE
tAD
tDF
WA[26:0]
WD[15:0]
WCS0
WOE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com