Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAM9708 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # STSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STSAM9708 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button STSAM9708 Datasheet HTML 2Page - ATMEL Corporation STSAM9708 Datasheet HTML 3Page - ATMEL Corporation STSAM9708 Datasheet HTML 4Page - ATMEL Corporation STSAM9708 Datasheet HTML 5Page - ATMEL Corporation STSAM9708 Datasheet HTML 6Page - ATMEL Corporation STSAM9708 Datasheet HTML 7Page - ATMEL Corporation STSAM9708 Datasheet HTML 8Page - ATMEL Corporation STSAM9708 Datasheet HTML 9Page - ATMEL Corporation STSAM9708 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
ATSAM9708
1772D–DRMSD–01/04
Pinout by Pin Number
Table 6. Pinout by Pin Number
Pin Number
Name
Pin Number
Name
Pin Number
Name
Pin Number
Name
1
PC_D[10]
37
SD_IN[2]
73
WD[9]
109
VCC2
2
PC_D[9]
38
SD_IN[3]
74
WD[8]
110
GND
3
PC_D[8]
39
SD_OUT[0]
75
WD[7]
111
WA[9]
4
PC_IO16
40
SD_OUT[1]
76
WD[6]
112
VC3
5
VCC1
41
VC3
77
WD[5]
113
GND
6
GND
42
GND
78
WD[4]
114
WA[10]
7
PC_READY
43
SD_OUT[2]
79
WD[3]
115
WA[11]
8
VC3
44
SD_OUT[3]
80
VC3
116
WA[12]
9
GND
45
WS_OUT
81
VCC2
117
WA[13]
10
PC_RD
46
BCK_OUT
82
GND
118
WA[14]
11
PC_WR
47
OVCK_OUT
83
GND
119
WA[15]
12
PC_A[0]
48
SD_IN[4]
84
WD[2]
120
WA[16]
13
PC_A[1]
49
SD_IN[5]
85
WD[1]
121
WA[17]
14
PC_IRQ
50
SD_IN[6]
86
WD[0]
122
WA[18]
15
PC_A[2]
51
GND
87
WWE
123
WA[19]
16
PC_CS
52
VCC1
88
WOE
124
VCC2
17
VC3
53
SD_IN[7]
89
WCS0
125
GND
18
GND
54
SD_OUT[4]
90
WCS1
126
WA[20]
19
PC_D[0]
55
SD_OUT[5]
91
CK_OUT
127
WA[21]
20
VCC1
56
SD_OUT[6]
92
RBS
128
WA[22]
21
GND
57
SD_OUT[7]
93
WA[0]
129
WA[23]
22
PC_D[1]
58
VC3
94
WA[1]
130
WA[24]
23
PC_D[2]
59
GND
95
WA[2]
131
WA[25]
24
PC_D[3]
60
LFT
96
WA[3]
132
WA[26]
25
PC_D[4]
61
X1
97
VCC2
133
GND
26
PC_D[5]
62
X2
98
GND
134
RESET
27
PC_D[6]
63
VC3
99
VC3
135
TEST
28
PC_D[7]
64
GND
100
GND
136
LDTEST
29
MIDI1_IN
65
WD[15]
101
WA[4]
137
PDWN
30
MIDI2_IN
66
WD[14]
102
WA[5]
138
PC_D[15]
31
MIDI1_OUT
67
WD[13]
103
RAS
139
PC_D[14]
32
MIDI2_OUT
68
WD[12]
104
CAS
140
PC_D[13]
33
SD_IN[0]
69
VCC2
105
REFRESH
141
PC_D[12]
34
SD_IN[1]
70
GND
106
WA[6]
142
VCC1
35
VCC1
71
WD[11]
107
WA[7]
143
GND
36
GND
72
WD[10]
108
WA[8]
144
PC_D[11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com