Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAM9708 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # STSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STSAM9708 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button STSAM9708 Datasheet HTML 19Page - ATMEL Corporation STSAM9708 Datasheet HTML 20Page - ATMEL Corporation STSAM9708 Datasheet HTML 21Page - ATMEL Corporation STSAM9708 Datasheet HTML 22Page - ATMEL Corporation STSAM9708 Datasheet HTML 23Page - ATMEL Corporation STSAM9708 Datasheet HTML 24Page - ATMEL Corporation STSAM9708 Datasheet HTML 25Page - ATMEL Corporation STSAM9708 Datasheet HTML 26Page - ATMEL Corporation STSAM9708 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
23
ATSAM9708
1772D–DRMSD–01/04
Digital Audio Timing
Figure 17. Digital Audio Timing Diagram
Figure 18. Digital Audio Frame Format
Note:
SD_IN[7:0] is always 20 bits.
tCW
tCW
tCLBD
tSOD
tSOD
WS_OUT
BCK_OUT
SD_IN[7:0]
SD_OUT[7:0]
Table 16. Digital Audio Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
t
CW
BCK_OUT rising to WS_OUT change
8 x t
CK- 10
ns
t
SOD
SD_IN[7:0]/SD_OUT[7:0] valid prior/after BCK_OUT rising
8 x t
CK - 10
ns
t
CLBD
BCK_OUT cycle time
16 x t
CK
ns
MSB
LSB
(16 bits)
LSB
(18 bits)
LSB
(20 bits)
WS_OUT
(I2S)
BCK_OUT
SD_IN[7:0]
SD_OUT[7:0]
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com