Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAM9708 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # STSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STSAM9708 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button STSAM9708 Datasheet HTML 21Page - ATMEL Corporation STSAM9708 Datasheet HTML 22Page - ATMEL Corporation STSAM9708 Datasheet HTML 23Page - ATMEL Corporation STSAM9708 Datasheet HTML 24Page - ATMEL Corporation STSAM9708 Datasheet HTML 25Page - ATMEL Corporation STSAM9708 Datasheet HTML 26Page - ATMEL Corporation STSAM9708 Datasheet HTML 27Page - ATMEL Corporation STSAM9708 Datasheet HTML 28Page - ATMEL Corporation STSAM9708 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
ATSAM9708
1772D–DRMSD–01/04
Bi-processor
Operation
Each PDSP has access to the same memory space. Sample data, buffers and pro-
grams can therefore be shared between the two PDSPs, thus minimizing memory
requirements.
Each P16 has the possibility to test a read-only bit that identifies the PDSP number it
belongs to (PDSPID). This allows the firmware to make decisions according to the pro-
cessor currently executing the code.
As an example, consider implementation of a 128-voice synthesizer. An easy way to
share traffic between the two PDSPs would be to have PDSP#1 process even MIDI-
numbered notes, while the PDSP#2 would process odd MIDI-numbered notes.
In this case, there would only be a single firmware processed by both P16s, with some
coding as follows:
If (PDSPID == 0 && noteeven) then ProcessNote();
If (PDSPID == 1 && noteodd) then ProcessNote();
The two PDSPs may also execute completely different firmware. In this case, as both
types of firmware start from address 100H, a test on PDSPID should be done at the
beginning of the program to jump to the correct firmware.
Reset and Power-
down
During power-up, the RESET input should be held low until the crystal oscillator and
PLL are stabilized. This may take about 20 ms. The RESET signal is normally derived
from the PC master reset. However, a typical RC/diode power-up network can also be
used for some applications.
After the low-to-high transition of RESET, the following occurs:
•If REFRESH is sampled high at the low to high transition of RESET then the
external SDRAM init cycles are executed (see “Memory Type Configuration and
Boot Configuration” on page 26).
Both Synthesis/DSP enter an idle state.
•If REFRESH is low, then both P16 program execution starts from address 0100H in
ROM space (WCS0 low).
•If REFRESH is high, then both P16 program execution starts from address 0000H in
internal bootstrap ROM space. Each internal bootstrap expects to receive 256
words from its respective 16-bit burst transfer port, which will be stored from 0100H
GPIO_OUT[7] DSP#2
SD_IN[7]
GPIO_IN[0] DSP#1
SD_IN[0]
GPIO_IN[1] DSP#1
SD_IN[1]
GPIO_IN[2] DSP#1
SD_IN[2]
GPIO_IN[3] DSP#1
SD_IN[3]
GPIO_IN[0] DSP#2
MIDI2_IN
GPIO_IN[1] DSP#2
SD_IN[5]
GPIO_IN[2] DSP#2
SD_IN[6]
GPIO_IN[3] DSP#2
SD_IN[7]
Table 17. General-purpose Input/Output Routing (Continued)
GPIO
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com