Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAM9708 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # STSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STSAM9708 Datasheet(HTML) 4 Page - ATMEL Corporation

  STSAM9708 Datasheet HTML 1Page - ATMEL Corporation STSAM9708 Datasheet HTML 2Page - ATMEL Corporation STSAM9708 Datasheet HTML 3Page - ATMEL Corporation STSAM9708 Datasheet HTML 4Page - ATMEL Corporation STSAM9708 Datasheet HTML 5Page - ATMEL Corporation STSAM9708 Datasheet HTML 6Page - ATMEL Corporation STSAM9708 Datasheet HTML 7Page - ATMEL Corporation STSAM9708 Datasheet HTML 8Page - ATMEL Corporation STSAM9708 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
ATSAM9708
1772D–DRMSD–01/04
Notes:
1. MIDI and Audio group pins are powered by V
CC1 power rail.
2. These pins have alternate functions as GPIO pins (general-purpose input/output pins). See “General-purpose Input/Output
Routing” on page 24 for more details.
Table 3. MIDI and Audio Group(1)
Name
Pin Count
Type
Function
MIDI1_IN
1
IN
Main MIDI input. Routed to PDSP#1, can also be routed to PDSP#2.
MIDI2_IN
1
I/O
Auxiliary MIDI input. Routed to PDSP#2(2)
MIDI1_OUT
1
OUT
Main MIDI output. Outputs from PDSP#1.
MIDI2_OUT
1
OUT
Auxiliary MIDI output. Outputs from PDSP#2(2)
OVCK_OUT
1
OUT
Buffered X2 output. Typically used to drive external sigma/delta DAC/ADC at
f
S x 256.
BCK_OUT
1
OUT
Audio data bit clock. Provides timing to SD_OUT.
WS_OUT
1
OUT
Audio data word select. WS_OUT timing can be selected to be I2S- or
Japanese-compatible.
SD_OUT[7:0]
8
OUT
8 stereo serial audio data output (16 audio channels). Each output holds 64 bits
(2 x 32) of serial data per frame. Audio data has 22-bit precision(2).
SD_IN[7:0]
8
I/O
8 stereo serial audio data input (16 audio channels). Each input holds 64 bits
(2 x 32) of serial data per frame. Audio data in is received with 20-bit
precision(2).
Table 4. Memory Group(1)
Name
Pin Count
Type
Function
CK_OUT
1
OUT
Master clock for SDRAM operation. Frequency is 4 times the X1 frequency
(typ 45.1584 MHz).
WA[26:0]
27
OUT
External memory address (ROM/SRAM/DRAM/SDRAM), up to 128M words
(256M bytes).
DRAM/SDRAM addresses are time-multiplexed on these pins as follows:
WA0 - WA8: DRA0 - DRA8
WA18: DRA9
WA20: DRA10
WA22: DRA11
RBS
1
OUT
SRAM byte select. Should be connected to the lower RAM address when 8-bit
wide SRAM is used. The type of RAM (16-bit/8-bit) can be selected by
program.
WD[15:0]
16
I/O
PCM ROM/SRAM/DRAM/SDRAM data
WCS0
1
OUT
PCM ROM chip select, active low
WCS1
1
OUT
SRAM chip select, active low
WWE
1
OUT
SRAM/DRAM/SDRAM write enable, active low. Timing compatible with SIMM
DRAM early write feature.
WOE
1
OUT
PCM ROM/SRAM output enable, active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com