Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSAM9708 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # STSAM9708
Description  Sound Synthesis
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STSAM9708 Datasheet(HTML) 5 Page - ATMEL Corporation

  STSAM9708 Datasheet HTML 1Page - ATMEL Corporation STSAM9708 Datasheet HTML 2Page - ATMEL Corporation STSAM9708 Datasheet HTML 3Page - ATMEL Corporation STSAM9708 Datasheet HTML 4Page - ATMEL Corporation STSAM9708 Datasheet HTML 5Page - ATMEL Corporation STSAM9708 Datasheet HTML 6Page - ATMEL Corporation STSAM9708 Datasheet HTML 7Page - ATMEL Corporation STSAM9708 Datasheet HTML 8Page - ATMEL Corporation STSAM9708 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
ATSAM9708
1772D–DRMSD–01/04
Note:
1. Memory group pins are powered by V
CC2 power rail.
Note:
1. X2 cannot be used to drive external circuitry.
RAS
1
I/O
DRAM/SDRAM row address strobe. At the end of reset RAS is tested to
determine memory type configuration (pulled high to select SDRAM type). RAS
should be pulled to V
CC or GND through an external 10K resistor.
CAS
1
I/O
DRAM/SDRAM column address strobe. At the end of reset CAS is tested to
determine memory type configuration (pulled high to select DRAM type). CAS
should be pulled to V
CC or GND through an external 10K resistor.
REFRESH
1
I/O
Indicates that a DRAM/SDRAM memory refresh cycle is in progress. To be
used with multiple SIMM/DIMM modules to force refresh simultaneously on all
modules. At the end of reset REFRESH is tested to select bootstrap state
(pulled high to start built-in CPU bootstrap in case of ROMless applications).
Table 5. Miscellaneous Group
Name
Pin Count
Type
Function
LFT
1
ANA
PLL low pass filter. Should be connected to an external RC network.
TEST
1
IN
Test pin. Should be returned to GND.
LDTEST
1
IN
Test pin. Should be returned to GND.
PDWN
1
IN
Power down, active low
RESET
1
IN
Master reset input, active low. Schmidt trigger input.
X1, X2(1)
2
Crystal connection. Crystal frequency should be f
S x 256 (typ 11.2896 MHz).
Crystal frequency is internally multiplied by 4 to provide the IC master clock. X1
can also be used as external clock input (3.3V input).
Table 4. Memory Group(1) (Continued)
Name
Pin Count
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com