Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # IPM
Description  Output short circuit protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button IPM Datasheet HTML 5Page - Delta Electronics, Inc. IPM Datasheet HTML 6Page - Delta Electronics, Inc. IPM Datasheet HTML 7Page - Delta Electronics, Inc. IPM Datasheet HTML 8Page - Delta Electronics, Inc. IPM Datasheet HTML 9Page - Delta Electronics, Inc. IPM Datasheet HTML 10Page - Delta Electronics, Inc. IPM Datasheet HTML 11Page - Delta Electronics, Inc. IPM Datasheet HTML 12Page - Delta Electronics, Inc. IPM Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS_IPM12S0A008_03202007
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Programming
The output voltage of IPM can be programmed to any
voltage between 0.8Vdc and 5Vdc by connecting one
resistor (shown as Rtrim in Figure 28, 29) between the
TRIM and GND pins of the module to trim up (0.9V ~ 5V)
and between the Trim and +Output to trim down (0.8V ~
0.9V). Without this external resistor, the output voltage of
the module is 0.9 Vdc. To calculate the value of the
resistor Rtrim for a particular output voltage Vo, please
use the following equation:
Trim up
Rtrim =
3.746
- 0.261 (K
Ω )
Vout
–0.9
Trim Down
Rtrim =
1.070
- 5.612 (K
Ω )
0.9 - Vout
Rtrim is the external resistor in K
Ω
Vout is the desired output voltage
For example: to program the output voltage of the IPM
module to 3.3Vdc, Rtrim is calculated as follows:
Rtrim =
3.746
- 0.261 (K
Ω )
3.3
–0.9
Rtrim = 1.300 K
Ω
IPM can also be programmed by applying a voltage
between the TRIM and GND pins (Figure 30). The
following equation can be used to determine the value of
Vtrim needed for a desired output voltage Vo:
Vtrim = 0.7439
– 0.0488Vo
Vtrim is the external voltage in V
Vo is the desired output voltage
For example, to program the output voltage of a IPM
module to 3.3 Vdc, Vtrim is calculated as follows
Vtrim = 0.7439
– 0.0488 x 3.3
Vtrim = 0.5829V
Figure 28:
Trim up Circuit configuration for programming
output voltage using an external resistor
Rtrim
Load
Vout
Trim
GND
Figure 29:
Trim down Circuit configuration for programming
output voltage using an external resistor
Figure 30: Circuit configuration for programming output voltage
using external voltage source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com