Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # IPM
Description  Output short circuit protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  IPM Datasheet HTML 1Page - Delta Electronics, Inc. IPM Datasheet HTML 2Page - Delta Electronics, Inc. IPM Datasheet HTML 3Page - Delta Electronics, Inc. IPM Datasheet HTML 4Page - Delta Electronics, Inc. IPM Datasheet HTML 5Page - Delta Electronics, Inc. IPM Datasheet HTML 6Page - Delta Electronics, Inc. IPM Datasheet HTML 7Page - Delta Electronics, Inc. IPM Datasheet HTML 8Page - Delta Electronics, Inc. IPM Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
IPM12S0A0R/S08_03202007
FEATURES
High efficiency: 93% @ 12Vin, 5V/8A out
Small size and low profile:
17.8x15.0x7.8mm (0.70
”x0.59”x0.31”)
Output voltage adjustment: 0.8V~5V
Monotonic startup into normal and
pre-biased loads
Input UVLO, output OCP
Remote ON/OFF
Output short circuit protection
Fixed frequency operation
Mositure Sensitivity Level (MSL) 3
Copper pad to provide excellent thermal
performance
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
OPTIONS
SMD or SIP package
Delphi Series IPM, Non-Isolated, Integrated
Point-of-Load Power Modules: 8V~14V input,
0.8~5V and 8A Output Current
The
Delphi
Series
IPM12S
non-isolated,
fully
integrated
Point-of-Load (POL) power modules, are the latest offerings from a
world leader in power systems technology and manufacturing --
Delta Electronics, Inc. This product family provides up to 8A of
output current or 40W of output power in an industry standard,
compact, IC-like, molded package. It is highly integrated and does
not require external components to provide the point-of-load
function. A copper pad on the back of the module; in close contact
with the internal heat dissipation components; provides excellent
thermal performance. The assembly process of the modules is fully
automated with no manual assembly involved. These converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.
IPM12S operates from an 8V~14V source and provides a
programmable output voltage of 0.8V to 5V. The IPM product family
is available in both a SMD or SIP package. IPM family is also
available for input 3V~5.5V, please refer to IPM04S datasheet for
details.


Similar Part No. - IPM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPM-057 ETC2-IPM-057 Datasheet
300Kb / 1P
6mm Aluminum front bezel with strengthen glass
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
Rugged construction and slim modularized design
IPM-10 ETC2-IPM-10 Datasheet
275Kb / 2P
Rugged construction and slim modularized design
logo
JDS Uniphase Corporatio...
IPM-1112 JDSU-IPM-1112 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
IPM-1113 JDSU-IPM-1113 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
More results

Similar Description - IPM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
Short circuit protection
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
Output current limit and short circuit protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
Output short circuit protection
20-Jul-2007
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
Output short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com