Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM Datasheet(PDF) 15 Page - Delta Electronics, Inc.

Part # IPM
Description  Output short circuit protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM Datasheet(HTML) 15 Page - Delta Electronics, Inc.

Back Button IPM Datasheet HTML 7Page - Delta Electronics, Inc. IPM Datasheet HTML 8Page - Delta Electronics, Inc. IPM Datasheet HTML 9Page - Delta Electronics, Inc. IPM Datasheet HTML 10Page - Delta Electronics, Inc. IPM Datasheet HTML 11Page - Delta Electronics, Inc. IPM Datasheet HTML 12Page - Delta Electronics, Inc. IPM Datasheet HTML 13Page - Delta Electronics, Inc. IPM Datasheet HTML 14Page - Delta Electronics, Inc. IPM Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
DS_IPM12S0A008_03202007
15
PART NUMBERING SYSTEM
IPM
12
S
0A0
R
08
F
A
Product
Family
Input Voltage
Number of
Outputs
Output Voltage
Package
Output
Current
Option Code
Integrated POL
Module
04 - 3V ~ 5.5V
12 - 8V ~ 14V
S - Single
0A0 - programmable
output
R - SIP
S - SMD
08 - 8A
10 - 10A
F- RoHS 6/6
(Lead Free)
A - Standard Function
MODEL LIST
Model Name
Packaging
Input Voltage
Output Voltage
Output Current
Efficiency (Typical @
full load)
IPM12S0A0R08FA
SIP
8V ~ 14V
0.8V ~ 5V
8A
93%
IPM12S0A0S08FA
SMD
8V ~ 14V
0.8V ~ 5V
8A
93%
IPM04S0A0R10FA
SIP
3V ~ 5.5V
0.8V ~ 3.3V
10A
94%
IPM04S0A0S10FA
SMD
3V ~ 5.5V
0.8V ~ 3.3V
10A
94%
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107 x6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com