Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # IPM
Description  Output short circuit protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button IPM Datasheet HTML 7Page - Delta Electronics, Inc. IPM Datasheet HTML 8Page - Delta Electronics, Inc. IPM Datasheet HTML 9Page - Delta Electronics, Inc. IPM Datasheet HTML 10Page - Delta Electronics, Inc. IPM Datasheet HTML 11Page - Delta Electronics, Inc. IPM Datasheet HTML 12Page - Delta Electronics, Inc. IPM Datasheet HTML 13Page - Delta Electronics, Inc. IPM Datasheet HTML 14Page - Delta Electronics, Inc. IPM Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS_IPM12S0A008_03202007
11
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The height of this fan duct is constantly kept
at 25.4mm (1
’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
MODULE
AIR FLOW
12.7
(0.5”)
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
25.4 (1
.0”)
Figure 32: Wind tunnel test setup figure
THERMAL CURVES
Figure 33: Temperature measurement location
* The allowed maximum hot spot temperature is defined at 113
℃.
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 5V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 34: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=5V
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 3.3V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
Figure 35: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com