Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # IPM
Description  Output short circuit protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  IPM Datasheet HTML 1Page - Delta Electronics, Inc. IPM Datasheet HTML 2Page - Delta Electronics, Inc. IPM Datasheet HTML 3Page - Delta Electronics, Inc. IPM Datasheet HTML 4Page - Delta Electronics, Inc. IPM Datasheet HTML 5Page - Delta Electronics, Inc. IPM Datasheet HTML 6Page - Delta Electronics, Inc. IPM Datasheet HTML 7Page - Delta Electronics, Inc. IPM Datasheet HTML 8Page - Delta Electronics, Inc. IPM Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS_IPM12S0A008_03202007
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Converter efficiency vs. output current
(0.90V output voltage)
Figure 2: Converter efficiency vs. output current
(1.2V output voltage)
Figure 3: Converter efficiency vs. output current
(1.5V output voltage)
Figure 4: Converter efficiency vs. output current
(1.8V output voltage)
Figure 5: Converter efficiency vs. output current
(2.0V 0utput voltage)
Figure 6: Converter efficiency vs. output current
(2.5V output voltage)
50
60
70
80
90
1
2
3
4
5
6
7
8
9
LOAD (A)
Vi=14V
Vi=12V
Vi=10V
Vi=8V
60
70
80
90
1
2
3
4
5
6
7
8
9
LOAD (A)
Vi=14V
Vi=12V
Vi=10V
Vi=8V
70
80
90
1
2
3
4
5
6
7
8
9
LOAD (A)
Vi=14V
Vi=12V
Vi=10V
Vi=8V
70
80
90
1
2
3
4
5
6
7
8
9
LOAD (A)
Vi=14V
Vi=12V
Vi=10V
Vi=8V
70
80
90
100
1
2
3
4
5
6
7
8
9
LOAD (A)
Vi=14V
Vi=12V
Vi=10V
Vi=8V
70
80
90
1
2
3
4
5
6
7
8
9
LOAD (A)
Vi=14V
Vi=12V
Vi=10V
Vi=8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com