Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part # IPM
Description  Output short circuit protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM Datasheet(HTML) 12 Page - Delta Electronics, Inc.

Back Button IPM Datasheet HTML 7Page - Delta Electronics, Inc. IPM Datasheet HTML 8Page - Delta Electronics, Inc. IPM Datasheet HTML 9Page - Delta Electronics, Inc. IPM Datasheet HTML 10Page - Delta Electronics, Inc. IPM Datasheet HTML 11Page - Delta Electronics, Inc. IPM Datasheet HTML 12Page - Delta Electronics, Inc. IPM Datasheet HTML 13Page - Delta Electronics, Inc. IPM Datasheet HTML 14Page - Delta Electronics, Inc. IPM Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DS_IPM12S0A008_03202007
12
THERMAL CURVES (CON.)
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 2.5V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
Figure 36: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=2.5V
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 1.8V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
Figure 37: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=1.8V
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 1.5V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
Figure 38: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=1.5V
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 1.2V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
Figure 39: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=1.2V
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 1.0V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
Figure 40: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=1.0V
IPM12S(Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vin = 12V, Vo = 0.9V (Either Orientation)
0
1
2
3
4
5
6
7
8
9
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
Natural
Convection
100LFM
200LFM
300LFM
Figure 41: Output current vs. ambient temperature and air velocity
@ Vin=12V, Vo=0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com