Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083P Datasheet(PDF) 1 Page - Xicor Inc.

Part # X5083P
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083P Datasheet(HTML) 1 Page - Xicor Inc.

  X5083P Datasheet HTML 1Page - Xicor Inc. X5083P Datasheet HTML 2Page - Xicor Inc. X5083P Datasheet HTML 3Page - Xicor Inc. X5083P Datasheet HTML 4Page - Xicor Inc. X5083P Datasheet HTML 5Page - Xicor Inc. X5083P Datasheet HTML 6Page - Xicor Inc. X5083P Datasheet HTML 7Page - Xicor Inc. X5083P Datasheet HTML 8Page - Xicor Inc. X5083P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV 1.1.6 6/25/02
Characteristics subject to change without notice.
1 of 21
www.xicor.com
X5083
CPU Supervisor with 8Kbit SPI EEPROM
FEATURES
• Low VCC detection and reset assertion
—Four standard reset threshold voltages
4.63V, 4.38V, 2.93V, 2.63V
—Re-program low VCC reset threshold voltage
using special programming sequence.
—Reset signal valid to VCC = 1V
• Selectable time out watchdog timer
• Long battery life with low power consumption
—<50µA max standby current, watchdog on
—<1µA max standby current, watchdog off
—<400µA max active current during read
• 8Kbits of EEPROM
• Save critical data with Block Lock™ memory
—Block lock first or last page, any 1/4 or lower 1/2
of EEPROM array
• Built-in inadvertent write protection
—Write enable latch
—Write protect pin
• SPI Interface - 3.3MHz clock rate
• Minimize programming time
—16 byte page write mode
—5ms write cycle time (typical)
• SPI modes (0,0 & 1,1)
• Available packages
—8-lead TSSOP, 8-lead SOIC, 8-Lead PDIP
APPLICATIONS
• Communications Equipment
—Routers, Hubs, Switches
—Set Top Boxes
• Industrial Systems
—Process Control
—Intelligent Instrumentation
• Computer Systems
—Desktop Computers
—Network Servers
• Battery Powered Equipment
uC
RESET
CS
SCK
SI
SO
WP
VCC
VSS
RESET
SPI
VCC
VSS
X5083
Typical Application
2.7-5.0V
10K
BLOCK DIAGRAM
Watchdog
Timer
Command
Decode &
Control
Logic
SI
SO
SCK
CS/WDI
VCC
POR and Low
Generation
VTRIP
+
-
RESET (X5083)
Voltage Reset
Protect Logic
8Kbits
EEPROM
Watchdog
Detector
WP
Array
Status
Register
Transition
Reset
Reset & Watchdog
Timebase
X5083
Standard VTRIP Level
Suffix
4.63V (+/-2.5%)
-4.5A
4.38V (+/-2.5%)
-4.5
2.93V (+/-2.5%)
-2.7A
2.63V (+/-2.5%)
-2.7
See “Ordering Information” on page 21 for
more details
For Custom Settings, call Xicor.


Similar Part No. - X5083P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5083P INTERSIL-X5083P Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5083P INTERSIL-X5083P Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5083P-2.7 INTERSIL-X5083P-2.7 Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5083P-2.7 INTERSIL-X5083P-2.7 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5083P-2.7A INTERSIL-X5083P-2.7A Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
More results

Similar Description - X5083P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5645 XICOR-X5645 Datasheet
117Kb / 19P
CPU Supervisor with 64Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
CPU Supervisor with 16Kbit SPI EEPROM
September 16, 2005
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
CPU Supervisor with 32kBit SPI EEPROM
June 30, 2008
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
logo
Renesas Technology Corp
X5083 RENESAS-X5083 Datasheet
853Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com