Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083P Datasheet(PDF) 16 Page - Xicor Inc.

Part # X5083P
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083P Datasheet(HTML) 16 Page - Xicor Inc.

Back Button X5083P Datasheet HTML 12Page - Xicor Inc. X5083P Datasheet HTML 13Page - Xicor Inc. X5083P Datasheet HTML 14Page - Xicor Inc. X5083P Datasheet HTML 15Page - Xicor Inc. X5083P Datasheet HTML 16Page - Xicor Inc. X5083P Datasheet HTML 17Page - Xicor Inc. X5083P Datasheet HTML 18Page - Xicor Inc. X5083P Datasheet HTML 19Page - Xicor Inc. X5083P Datasheet HTML 20Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
X5083
Characteristics subject to change without notice.
16 of 21
REV 1.1.6 6/25/02
www.xicor.com
VTRIP Programming Timing Diagram
VTRIP Programming Parameters
Parameter
Description
Min.
Max.
Unit
tVPS
VTRIP program enable voltage setup time
1
µs
tVPH
VTRIP program enable voltage hold time
1
µs
tPCS
VTRIP programming CS inactive time
1
µs
tTSU
VTRIP setup time
1
µs
tTHD
VTRIP hold (stable) time
10
ms
tWC
VTRIP write cycle time
10
ms
tVPO
VTRIP program enable voltage off time (between successive adjustments)
0
µs
tRP
VTRIP program recovery period (between successive adjustments)
10
ms
VP
Programming voltage
15
18
V
VTRAN
VTRIP programmed voltage range
2.0
5.0
V
Vtv
VTRIP program variation after programming (0-75°C). (programmed at 25°C)
-25
+25
mV
Note 1: VTRIP programming parameters are periodically sampled and are not 100% tested.
Note 2: For custom VTRIP settings, Contact Factory.
SCK
SI
CS
0001h (set)
VCC
(VTRIP)
VPE
tTSU
tTHD
tVPH
tVPS
VP
VTRIP
tRP
tVPO
tPCS
02h
06h
0003h (reset)
WREN
Write
Addr.
00
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com